Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA4800C Datasheet(PDF) 2 Page - Motorola, Inc

Part # CA4800C
Description  The RF Line Wideband Linear Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA4800C Datasheet(HTML) 2 Page - Motorola, Inc

  CA4800C Datasheet HTML 1Page - Motorola, Inc CA4800C Datasheet HTML 2Page - Motorola, Inc CA4800C Datasheet HTML 3Page - Motorola, Inc CA4800C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA4800C,CS CA4812C,CS CA4815C,CS
2
MOTOROLA RF DEVICE DATA
IM3
IM2
Po
f1
f2
f1 + f2
2f1 - f2
ITO = Po + IM3 / 2 @ IM3 > 60 dB
Figure 1. 2–Tone Intermodulation Test A
1 2 34 5 6 78 9
C1,2,3,4 ≥ 0.01 µF (chip)
R = 200 Ohms, 1 Watt
CA4800C (Case 714P–03, Style 2)
CA4800CS (Case 714T–03, Style 1)
R
C1
C2
C3
C4
Output
Input
Pin Configuration
VCC
Figure 2. 3–Tone TV Intermodulation Test
f1
f2
f3
f1 + f3 - f2
IM3
-10 dB
-8 dB
-17 dB
Figure 3. External Connections
f1 = Video
f2 = Sideband
f3 = Sound
Psync
12 3 4 5 6 7 8 9
C1,2,3 ≥ 0.01 µF (chip)
Figure 4. External Connections
Pin Configuration
Output
Input
C1
C2
C3
VCC
CA4812C, CA4815C (Case 714P–03, Style 3)
CA4812CS, CA4815CS (Case 714T–03, Style 2)


Similar Part No. - CA4800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
CA4800CS NXP-CA4800CS Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
More results

Similar Description - CA4800C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA5800C MOTOROLA-CA5800C Datasheet
65Kb / 4P
   The RF Line Wideband Linear Amplifiers
logo
NXP Semiconductors
CA2810C NXP-CA2810C Datasheet
260Kb / 4P
   The RF Line Wideband Linear Amplifier
CA2830C NXP-CA2830C Datasheet
264Kb / 4P
   The RF Line Wideband Linear Amplifier
CA2832C NXP-CA2832C Datasheet
256Kb / 4P
   The RF Line Wideband Linear Amplifier
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
   Wideband Linear Amplifiers
logo
Motorola, Inc
CA2820 MOTOROLA-CA2820 Datasheet
95Kb / 3P
   Wideband Linear Amplifiers
MHW607-1 MOTOROLA-MHW607-1 Datasheet
81Kb / 6P
   The RF Line VHF Power Amplifiers
logo
List of Unclassifed Man...
A0105116A ETC2-A0105116A Datasheet
51Kb / 1P
   MINIATURE WIDEBAND RF AMPLIFIERS
logo
NXP Semiconductors
CA901A NXP-CA901A Datasheet
236Kb / 4P
   The RF Line VHF/UHF CATV Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com