Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2163011213 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2163011213
Description  MX150 F-S 225MM 16 AWG LEADS BK Au
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2163011213 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2163011213 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FORMAT: master-tb-prod-A4
REVISION: J
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2021/01/06
05:07:51
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 652391
DRWN:
ARAJU
2021/01/05
CHK'D:
RDESAI01
2021/01/06
APPR: RDESAI01
2021/01/06
INITIAL REVISION:
DRWN:
ARAJU
2021/01/05
APPR: RDESAI01
2021/01/06
THIRD ANGLE PROJECTION
DRAWING
SERIES
A4-SIZE 216301
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2163011211
PSD 000
A
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 1
ITEM
PART#
DESCRIPTION
QTY
UOM
A
330013003 MX150 RCPT 0.3 GOLD 14/16AWG D WIND SLD
1
PC
PART NUMBER
TITLE
CABLE DESCRIPTION
LENGTH 'L'
CABLE COLOR
2163011212
MX150 F-S 150MM 16 AWG LEADS BK Au
16AWG DISC PVC BK TXL BALAJI
150
±5
BLACK
2163011213
MX150 F-S 225MM 16 AWG LEADS BK Au
16AWG DISC PVC BK TXL BALAJI
225
±5
BLACK
2163011214
MX150 F-S 300MM 16 AWG LEADS BK Au
16AWG DISC PVC BK TXL BALAJI
300
±5
BLACK
2163011215
MX150 F-S 450MM 16 AWG LEADS BK Au
16AWG DISC PVC BK TXL BALAJI
450
±5
BLACK
2163011216
MX150 F-S 600MM 16 AWG LEADS BK Au
16AWG DISC PVC BK TXL BALAJI
600
±6
BLACK
2163012212
MX150 F-S 150MM 16 AWG LEADS RD Au
16AWG DISC PVC RD TXL BALAJI
150
±5
RED
2163012213
MX150 F-S 225MM 16 AWG LEADS RD Au
16AWG DISC PVC RD TXL BALAJI
225
±5
RED
2163012214
MX150 F-S 300MM 16 AWG LEADS RD Au
16AWG DISC PVC RD TXL BALAJI
300
±5
RED
2163012215
MX150 F-S 450MM 16 AWG LEADS RD Au
16AWG DISC PVC RD TXL BALAJI
450
±5
RED
2163012216
MX150 F-S 600MM 16 AWG LEADS RD Au
16AWG DISC PVC RD TXL BALAJI
600
±6
RED
A
L
5
±1
REVISION
DATE
REV
DESCRIPTION
CHANGER
05/01/2021
A
INITIAL RELEASE
ARAJU
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
5
6
6
NOTES:
1. CRIMPING TO BE DONE AS PER MOLEX STANDARDS.
2. THE PRODUCT SPECIFICATION RELIES ON TERMINAL AND WIRE SPEC.
3. FREE END MUST BE STRIPPED, TWISTED & TINNED. THE LENGTH
OF TINNING IS 5±1MM. TINNING DIA MUST BE 1.8MM MAX.


Similar Part No. - 2163011213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2163011213 MOLEX-2163011213 Datasheet
83Kb / 1P
MX150 F-S 225MM 16 AWG LEADS RD Au
2021/01/06
2163011213 MOLEX-2163011213 Datasheet
83Kb / 1P
MX150 F-S 600MM 16 AWG LEADS RD Au
2021/01/06
More results

Similar Description - 2163011213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2175112103 MOLEX-2175112103 Datasheet
80Kb / 1P
LINK250 F-S 225MM 26 AWG LEADS RD Sn
2021/07/06
2196711123 MOLEX-2196711123 Datasheet
104Kb / 1P
Minifit-Sigma F-S 225mm 16 AWG BK Sn
2022/01/19
2163011115 MOLEX-2163011115 Datasheet
83Kb / 1P
MX150 F-S 450MM 16 AWG LEADS BK Sn
2021/01/06
2163011225 MOLEX-2163011225 Datasheet
83Kb / 1P
MX150 F-S 450MM 14 AWG LEADS BK Au
2021/01/06
2163012213 MOLEX-2163012213 Datasheet
83Kb / 1P
MX150 F-S 225MM 16 AWG LEADS RD Au
2021/01/06
2163012216 MOLEX-2163012216 Datasheet
83Kb / 1P
MX150 F-S 600MM 16 AWG LEADS RD Au
2021/01/06
2163021223 MOLEX-2163021223 Datasheet
85Kb / 1P
MX150 M-M 225MM 14 AWG LEADS BK Au
2021/01/06
2163031213 MOLEX-2163031213 Datasheet
81Kb / 1P
MX150 M-S 225MM 16 AWG LEADS BK Au
2021/01/06
2163031223 MOLEX-2163031223 Datasheet
81Kb / 1P
MX150 M-S 225MM 14 AWG LEADS BK Au
2021/01/06
2163011202 MOLEX-2163011202 Datasheet
83Kb / 1P
MX150 F-S 150MM 18 AWG LEADS BK Au
2021/01/06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com