Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M60006P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M60006P
Description  12-bit I/O EXPANDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M60006P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M60006P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M60006P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66006P/FP
12-BIT I/O EXPANDER
5
TIMING CHARTS
50%
CLK
50%
50%
GND
50%
50%
DO
S
CS
10%
tPLZ
tPZL
trec
tw
tw
50%
50%
50%
50%
50%
50%
CS
50%
50%
50%
50%
VCC
VOL
≈ VCC
GND
VCC
VOL
≈ VCC
GND
VCC
VOL
≈ VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
D1 ~ D12
DI
CLK
S
DO
D1 ~ D12
10%
10%
tPLZ
tPLZ
tPZL
tw
tw
tw
tsu
th
50%
50%
50%
D1 ~ D12
CS
tsu
th
50%
50%
50%
50%
CS
CLK
tsu
th


Similar Part No. - M60006P

ManufacturerPart #DatasheetDescription
logo
Heyco.
M6000 HEYCO-M6000 Datasheet
307Kb / 1P
HEYbrid™ Stainless Steel Liquid Tight Cordgrips
logo
ML Accessories Limited....
M6000 KNIGHTSBRIDGE-M6000 Datasheet
230Kb / 1P
Metal Clad 13A Fused Spur Unit
11/04/2024
M6000N KNIGHTSBRIDGE-M6000N Datasheet
253Kb / 1P
Metal Clad 13A Fused Spur Unit with Neon
11/04/2024
More results

Similar Description - M60006P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
24-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
12-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
24-BIT I/O EXPANDER
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
12-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
24-BIT I/O EXPANDER
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com