Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025F Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # CMPA2560025F
Description  25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA2560025F Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button CMPA2560025F Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 9Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 10Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 11Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CMPA2560025F
10
Rev 3.1 – April 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Part Number System
Table 1.
Table 2.
Parameter
Value
Units
Lower Frequency
13.75
GHz
Upper Frequency1
14.5
GHz
Power Output
25
W
Package
Flange
-
Character Code
Code Value
A
0
B
1
C
2
D
3
E
4
F
5
G
6
H
7
J
8
K
9
Examples:
1A = 10.0 GHz
2H = 27.0 GHz
Note1: Alpha characters used in frequency code indicate a value
greater than 9.9 GHz. See Table 2 for value
Package
Power Output (W)
Upper Frequency (GHz)
Lower Frequency (GHz)
Cree MMIC Power Amplifier Product Line
CMPA2560025F


Similar Part No. - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-AMP CREE-CMPA2560025F-AMP Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-TB CREE-CMPA2560025F-TB Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
More results

Similar Description - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
   2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com