Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025F Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # CMPA2560025F
Description  25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA2560025F Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  CMPA2560025F Datasheet HTML 1Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 2Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 3Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 3.1 – April 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
CMPA2560025F
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Description
Cree’s CMPA2560025F is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit
(MMIC). GaN has superior properties compared to silicon or gallium
arsenide, including higher breakdown voltage, higher saturated
electron drift velocity and higher thermal conductivity. GaN HEMTs also
offer greater power density and wider bandwidths compared to Si and
GaAs transistors. This MMIC contains a two-stage reactively matched
amplifier enabling very wide bandwidths to be achieved in a small
footprint screw-down package featuring a Copper-Tungsten heat-sink.
PN: CMPA2560025F
Package Type: 780019
Typical Performance Over 2.5 - 6.0 GHz (T
C = 25˚C)
Note:
1
P
SAT is defined as the RF output power where the device starts to draw positive gate current in the range of 7-13 mA
Features
• 24 dB Small Signal Gain
• 25 W Typical P
SAT
• Operation up to 28 V
• High Breakdown Voltage
• HighTemperatureOperation
Applications
• UltraBroadbandAmplifiers
• Fiber Drivers
• Test Instrumentation
• EMC Amplifier Drivers
Parameter
2.5 GHz
4.0 GHz
6.0 GHz
Units
Gain
27.5
14.9
23.1
dB
Saturated Output Power, P
SAT
1
35.8
177
25.6
W
Power Gain @ P
OUT 43 dBm
23.1
100
16.3
dB
PAE @ P
OUT 43 dBm
31.5
11.6
30.7
%
Figure 1.


Similar Part No. - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-AMP CREE-CMPA2560025F-AMP Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-TB CREE-CMPA2560025F-TB Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
More results

Similar Description - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
   2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com