Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025F Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # CMPA2560025F
Description  25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA2560025F Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button CMPA2560025F Datasheet HTML 2Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 3Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 9Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CMPA2560025F
6
Rev 3.1 – April 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
General Device Information
The CMPA2560025F is a two stage GaN HEMT MMIC Power Amplifier, which operates between 2.5- 6.0 GHz. The amplifier typically
provides 25 dB of small signal gain and 25 W saturated output power with an associated power added efficiency of better than
30 %. The wideband amplifier’s input and output are internally matched to 50 Ohm. The amplifier requires bias from dedicated
ports. The RF-input and output both require an external DC-block. DC voltage should not be applied to the RF output pin due to
the internal matching elements. The two gate pins, G1 and G2, are internally connected so it is sufficient to apply bias to only one
of them. The drain pins, D1 and D2, should both be connected to the drain supply. The component has internal DC-decoupling on
the gate and drain pins, 1840pF and 920pF respectively. The test fixture also provides extra decoupling capacitors on all supply
lines. Details of these components can be found on the bill of materials.
The CMPA2560025F is provided in a lead-less package format. The input and output connections are gold plated to enable gold
bond wire attach at the next level assembly.
The measurements in this data sheet were taken on devices wire-bonded to the test fixture with 2 mil gold bond wires. All losses
associated with the test fixture are included in the measurements.
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Class
Test Methodology
Human Body Model
HBM
1A (> 250 V)
JEDEC JESD22 A114-D
Charge Device Model
CDM
II (200 < 500 V)
JEDEC JESD22 C101-C


Similar Part No. - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-AMP CREE-CMPA2560025F-AMP Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-TB CREE-CMPA2560025F-TB Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
More results

Similar Description - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com