Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025F Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # CMPA2560025F
Description  25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA2560025F Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  CMPA2560025F Datasheet HTML 1Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 2Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 3Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CMPA2560025F
4
Rev 3.1 – April 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
40
41
42
43
44
45
46
47
48
49
50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
Typical Psat (dBm)
Saturated Output Power Performance (P
SAT) vs Frequency
Typical Performance
Frequency (GHz)
Frequency (GHz)
P
SAT (dBm)
P
SAT (W)
2.5
45.54
35.8
3.0
44.43
27.7
3.5
45.52
35.7
4.0
45.74
37.5
4.5
44.82
30.4
5.0
45.08
32.2
5.5
45.07
32.1
6.0
44.08
25.6
Note:
P
SAT is defined as the RF output power where the device starts
to draw positive gate current in the range of 7-13 mA.
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
PAE 44 dBm
PAE 43 dBm
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
Output Power, POUT (dBm)
2.5 GHz
4.0 GHz
6.0 GHz
Power Added Efficiency vs Output Power
as a Function of Frequency
PAE at 43 dBm and 44 dBm Output
Power vs Frequency
Frequency (GHz)
Output Power, P
OUT(dBm)


Similar Part No. - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-AMP CREE-CMPA2560025F-AMP Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-TB CREE-CMPA2560025F-TB Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
More results

Similar Description - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com