Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025F Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # CMPA2560025F
Description  25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA2560025F Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  CMPA2560025F Datasheet HTML 1Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 2Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 3Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025F Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CMPA2560025F
3
Rev 3.1 – April 2020
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Small Signal Gain vs Frequency
Power Gain vs Frequency
Input & Output Return Losses vs Frequency
Gain vs Output Power as
a Function of Frequency
Typical Performance
10
12
14
16
18
20
22
24
26
28
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
S11 Typical
S22 Typical
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Output Power (dBm)
10
12
14
16
18
20
22
24
26
28
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
Output Power = 44 dBm
Output Power = 43 dBm
10
12
14
16
18
20
22
24
26
28
30
18
22
26
30
34
38
42
46
Output Power (dBm)
2.5 GHz
4.0 GHz
6.0 GHz


Similar Part No. - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-AMP CREE-CMPA2560025F-AMP Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F-TB CREE-CMPA2560025F-TB Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
More results

Similar Description - CMPA2560025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
   25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
   25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
   2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
   2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com