Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA2560025D Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # CMPA2560025D
Description  25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA2560025D Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button CMPA2560025D Datasheet HTML 3Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 4Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 5Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 6Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 7Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 8Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 9Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 10Page - WOLFSPEED, INC. CMPA2560025D Datasheet HTML 11Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CMPA2560025D
10
Rev. 2.3, 2022-12-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Product Ordering Information
Order Number
Description
Unit of Measure
Image
CMPA2560025D
GaN HEMT
Each


Similar Part No. - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
More results

Similar Description - CMPA2560025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
   25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
   25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
   25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
logo
Cree, Inc
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
   25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
   2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
WOLFSPEED, INC.
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
   0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com