Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA0760020F Datasheet(PDF) 13 Page - WOLFSPEED, INC.

Part # CMPA0760020F
Description  0.76.0 GHz, 25 W GaN MMIC HPA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CMPA0760020F Datasheet(HTML) 13 Page - WOLFSPEED, INC.

Back Button CMPA0760020F Datasheet HTML 9Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 10Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 11Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 12Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 13Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 14Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 15Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 16Page - WOLFSPEED, INC. CMPA0760020F Datasheet HTML 17Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CMPA0760020F – Application Circuit
Page 13
Rev. 0.0 – October 2022
4600 Silicon Drive | Durham, NC 27703 | Wolfspeed.com
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in the document is subject to change without notice.
CMPA0760020F-AMP Evaluation Board Schematic Drawing
CMPA0760020F-AMP Evaluation Board Bill of Materials
Reference Designator
Description
Qty
R1, R3
RESISTOR 0 ohm, 0603
2
C2
CAP, 10pF,+/- 5%, 0603, ATC
1
C4, C5
CAP, 2.2uf, 50v, 0603
2
C10
CAP, 33 UF, 20%, G CASE
1
C7
CAP, 10uf, 50v, 1206
1
C9
CAP 10UF 16V TANTALUM, 2312
1
-
PCB, RO3003, 3.0 x 1.5 x 0.01 “, CMPA0760020F
1
-
BASEPLATE 3.0 x 1.5 x 0.25 IN
1
-
2-56 SOC HD SCREW 3/16 SS
4
-
#2 SPLIT LOCKWASHER SS
4
J1, J2
CONN, SMA, PANEL MOUNT JACK, FLANGE, 4-HOLE, BLUNT POST, 20MIL
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
W1-2
WIRE, BLACK, 22 AWG
2
U1 (DUT)
CMPA0760020F
1


Similar Part No. - CMPA0760020F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060002D CREE-CMPA0060002D Datasheet
417Kb / 7P
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002D WOLFSPEED-CMPA0060002D Datasheet
1,012Kb / 8P
2 W, 0.2 - 6.0 GHz, GaN HEMT MMIC Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
logo
Cree, Inc
CMPA0060002F-AMP CREE-CMPA0060002F-AMP Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
More results

Similar Description - CMPA0760020F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA601J025F WOLFSPEED-CMPA601J025F Datasheet
710Kb / 12P
6 – 18 GHz, 25 W GaN HPA
Rev. 0.0 November 2022
logo
Cree, Inc
CMPA2060025D CREE-CMPA2060025D Datasheet
437Kb / 7P
25 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025D WOLFSPEED-CMPA2560025D Datasheet
1Mb / 11P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
CMPA601C025F WOLFSPEED-CMPA601C025F Datasheet
1Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev. 5.0, 2022-8-26
logo
Cree, Inc
CMPA601C025F CREE-CMPA601C025F Datasheet
2Mb / 11P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA2560025D CREE-CMPA2560025D Datasheet
550Kb / 9P
25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier
CMPA601C025D CREE-CMPA601C025D Datasheet
542Kb / 6P
25 W, 6.0 - 12.0 GHz, GaN MMIC, Power Amplifier
CMPA0060025D CREE-CMPA0060025D Datasheet
614Kb / 7P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060025F1 WOLFSPEED-CMPA0060025F1 Datasheet
2Mb / 11P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 0.1, 2022-12-12
CMPA0060025D WOLFSPEED-CMPA0060025D Datasheet
1Mb / 8P
25 W, 20 MHz - 6.0 GHz, GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com