Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMU16JC-35 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HMU16JC-35
Description  16 x 16-Bit CMOS Parallel Multipliers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMU16JC-35 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HMU16JC-35 Datasheet HTML 5Page - Intersil Corporation HMU16JC-35 Datasheet HTML 6Page - Intersil Corporation HMU16JC-35 Datasheet HTML 7Page - Intersil Corporation HMU16JC-35 Datasheet HTML 8Page - Intersil Corporation HMU16JC-35 Datasheet HTML 9Page - Intersil Corporation HMU16JC-35 Datasheet HTML 10Page - Intersil Corporation HMU16JC-35 Datasheet HTML 11Page - Intersil Corporation HMU16JC-35 Datasheet HTML 12Page - Intersil Corporation HMU16JC-35 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Timing Diagrams
FIGURE 7. SETUP AND HOLD TIME
FIGURE 8. THREE-STATE CONTROL
FIGURE 9. HMU16 TIMING DIAGRAM
FIGURE 10. HMU17 TIMING DIAGRAM
DATA
INPUT
CLOCK
INPUT
3.0V
1.5V
0V
3.0V
1.5V
0V
tS
tH
THREE
STATE
CONTROL
tDIS
tENA
1.5V
OUTPUT
STATE
HIGH IMPEDANCE
THREE
1.3V
1.7V
tPWH
tHCL
CLKX
CLKY
tS
tH
INPUT
XI YI
RND
CLKM
CLKL
OUTPUT Y
MSPSEL
OUTPUT P
tPWL
tMC
tPDY
tPDSEL
tPDP
tMUC
CLK
ENX
ENY
INPUT
XI YI
RND
ENP
OUTPUT Y
MSPSEL
OUTPUT P
tPWH
tSE
tHE
tPWL
tS
tH
tSE
tHE
tPDY
tPDSEL
tPDP
tMC
tMUC
HMU16, HMU17


Similar Part No. - HMU16JC-35

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HMU16JC-35 RENESAS-HMU16JC-35 Datasheet
656Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
November 1999
More results

Similar Description - HMU16JC-35

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
logo
Renesas Technology Corp
HMU16 RENESAS-HMU16 Datasheet
656Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com