Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 41Page - Cirrus Logic CS4237B Datasheet HTML 42Page - Cirrus Logic CS4237B Datasheet HTML 43Page - Cirrus Logic CS4237B Datasheet HTML 44Page - Cirrus Logic CS4237B Datasheet HTML 45Page - Cirrus Logic CS4237B Datasheet HTML 46Page - Cirrus Logic CS4237B Datasheet HTML 47Page - Cirrus Logic CS4237B Datasheet HTML 48Page - Cirrus Logic CS4237B Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
XT = 24.576 MHz
CS2 = 0
XT = 16.9344 MHz
CS2 = 1
N = DIV5-DIV0
16
≤ N ≤ 49 for XT = 24.576 MHz
12
≤ N ≤ 33 for XT = 16.9344 MHz
(M set by OSM1,0 in I10)
M = 64 for Fs > 24 kHz
M = 128 for 12 kHz < Fs
≤ 24 kHz
M = 256 for Fs
≤ 12 kHz
SRE
Alternate Sample Rate Enable. When
this bit is set to a one, bits 0-3 of I8
will be ignored, and the sample fre-
quency is then determined by CS2,
DIV5-DIV0, and the oversampling
mode bits OSM1, OSM0 in I10. Note
that this register can be overridden
(disabled) by IFSE in X11.
Extended Register Access (I23)
Default = 00000xx0
D7
D6
D5
D4
D3
D2
D1
D0
XA3
XA2
XA1
XA0
XRAE
XA4
res
ACF
ACF
ADPCM Capture Freeze. When set,
the capture ADPCM accumulator
and step size are frozen. This bit
must be set to zero for adaptation to
continue. This bit is used when
pausing a ADPCM capture stream.
res
Reserved. Must write 0. Could read
as 0 or 1.
XA4
Extended Register Address bit 4.
Along with XA3-XA0, enables ac-
cess to extended registers X16,
X17, and X25. MODE 3 only.
XRAE
Extended Register Access Enable.
Setting this bit converts this register
from the extended address register
to the extended data register. To con-
vert back to an address register, R0
must be written. MODE 3 only.
XA3-XA0
Extended Register Address. Along
with XA4, sets the register number
(X0-X17+X25) accessed when
XRAE is set. MODE 3 only. See the
WSS Extended Register section for
more details.
Alternate Feature Status (I24)
Default = x0000000
D7
D6
D5
D4
D3
D2
D1
D0
res
TI
CI
PI
CU
CO
PO
PU
PU
Playback Underrun: When set,
indicates the DAC has run out of
data and a sample has been missed.
PO
Playback Overrun: When set,
indicates that the host attempted to
write data into a full FIFO and the
data was discarded.
CO
Capture Overrun: When set,
indicates that the ADC had a sample
to load into the FIFO but the FIFO
was full. In this case, this bit is set
and the new sample is discarded.
CU
Capture Underrun: Indicates the host
has read more data out of the FIFO
than it contained. In this condition,
the bit is set and the last valid byte
is read by the host.
PI
Playback Interrupt: Indicates an
interrupt is pending from the play-
back DMA count registers.
CI
Capture Interrupt: Indicates an
interrupt is pending from the capture
DMA count registers.
TI
Timer Interrupt: Indicates an interrupt
is pending from the timer registers
DS213PP4
CS4237B
45


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com