Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 39Page - Cirrus Logic CS4237B Datasheet HTML 40Page - Cirrus Logic CS4237B Datasheet HTML 41Page - Cirrus Logic CS4237B Datasheet HTML 42Page - Cirrus Logic CS4237B Datasheet HTML 43Page - Cirrus Logic CS4237B Datasheet HTML 44Page - Cirrus Logic CS4237B Datasheet HTML 45Page - Cirrus Logic CS4237B Datasheet HTML 46Page - Cirrus Logic CS4237B Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 114 page
background image
APAR
ADPCM Playback Accumulator Reset.
While set, the Playback ADPCM
accumulator is held at zero. Used
when pausing a playback stream.
TEST
Factory Test. These bits are used for
factory testing and must remain at 0
for normal operation.
Left Line (Synthesizer) Volume (I18)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
LLOM
LLIM
LLBM
LLG4
LLG3
LLG2
LLG1
LLG0
LR7
LR6
LR5
LR4
LR3
LR2
LR1
LR0
This register controls either the left LINE input or is
remapped to control the internal FM (X6) or external
CS9236 Wavetable synthesizer (X16), or both. When
no remapping occurs, the bit definitions are:
LLG4-LLG0
Left LINE Volume. This register is
used to control the LLINE analog in-
put volume to the mixers. The least
significant bit represents 1.5 dB, with
01000 = 0 dB. See Table 10.
LLBM
Left LINE Bypass Mute. In MODE 3,
when set to 1, the analog Left Line
Input, LLINE, (bypassing the gain
block) to the input mixer is muted.
In MODEs 1 & 2, this bit is not avail-
able and is internally controlled by
LSS1,0 in I0.
LLIM
Left LINE Input Mute. In MODE 3,
when set to 1, the Left Line Input,
LLINE, from the volume control to
the input mixer is muted.
In MODEs 1 & 2, this bit is not avail-
able and internally forced on (muted).
LLOM
Left LINE Output Mute.
When set to 1, the Left Line Input,
LLINE, from the volume control to
the output mixer is muted.
When IFM=1 (X4 or Global Config. byte) and
FMRM=1 (X4), FM remapping is enabled. When
WTEN=1 (C8 or Global Config. byte) and
WTRMD=0 (X4), Wavetable remapping is enabled. If
either synthesizer remap is enabled, left LINE ana-
log volume is controlled through X0. With remapping
the bit definitions are:
LR7-LR0
Left Remapped Register.
When IFM=1 and FMRM=1, writes
to I18 will write the Internal FM regis-
ter X6.
When WTEN=1 and WTRMD=0,
writes to I18 will write the Wavetable
synthesis register X16.
Right Line (Synthesizer) Volume (I19)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
RLOM RLIM
RLBM
RLG4
RLG3
RLG2
RLG1
RLG0
RR7
RR6
RR5
RR4
RR3
RR2
RR1
RR0
This register controls either the right LINE input or is
remapped to control the internal FM (X7) or external
CS9236 Wavetable synthesizer (X17), or both. When
no remapping occurs, the bit definitions are:
RLG4-RLG0
Right LINE Volume. This register is
used to control the RLINE analog in-
put volume to the mixers. The least
significant bit represents 1.5 dB, with
01000 = 0 dB. See Table 10.
LLG4-G0
LLINE
(Synthesis)
LLIM
LLOM
LLBM
To Output
Mixer
To Input
Mixer
+12 to -34.5 dB
DS213PP4
CS4237B
43


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com