Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 38Page - Cirrus Logic CS4237B Datasheet HTML 39Page - Cirrus Logic CS4237B Datasheet HTML 40Page - Cirrus Logic CS4237B Datasheet HTML 41Page - Cirrus Logic CS4237B Datasheet HTML 42Page - Cirrus Logic CS4237B Datasheet HTML 43Page - Cirrus Logic CS4237B Datasheet HTML 44Page - Cirrus Logic CS4237B Datasheet HTML 45Page - Cirrus Logic CS4237B Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
which was written. The Current
Count registers cannot be read.
When set for MODE 1 or SDC, this
register is used for both the Play-
back and Capture Base registers.
Playback Lower Base (I15)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLB7
PLB6
PLB5
PLB4
PLB3
PLB2
PLB1
PLB0
PLB7-PLB0
Lower Base Bits: This register is the
lower byte which represents the 8
least significant bits of the 16-bit
Playback Base register. Reads from
this register return the same value
which was written. When set for
MODE 1 or SDC, this register is
used for both the Playback and Cap-
ture Base registers.
Alternate Feature Enable I (I16)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
OLB
TE
CMCE PMCE
SF1
SF0
SPE
DACZ
DACZ
DAC Zero: This bit will force the out-
put of the playback channel to AC
zero when an underrun error occurs
1 - Go to center scale
0 - Hold previous valid sample
SPE
DSP Serial Port Enable. When
set, audio data from the ADCs is
sent out SDOUT and audio data
from SDIN is sent to the DACs.
MCE in R0 must be set to change
this bit.
1 - Enable serial port
0 - Disable serial port. ISA Bus
used for audio data.
SF1,SF0
Serial Format. Selects the format of
the serial port when enabled by
SPE. MCE in R0 must be set to
change these bits.
0 - 64-bit enhanced. Figure 9.
1 - 64-bit. Figure 10.
2 - 32-bit. Figure 11.
3 - ADC/DAC. Figure 12.
PMCE
Playback Mode Change Enable.
When set, it allows modification of
the stereo/mono and audio data for-
mat bits (D7-D4) for the playback
channel, I8. MCE in R0 must be
used to change the sample fre-
quency.
CMCE
Capture Mode Change Enable.
When set, it allows modification of
the stereo/mono and audio data for-
mat bits (D7-D4) for the capture
channel, I28. MCE in R0 must be
used to change the sample fre-
quency in I8.
TE
Timer Enable: This bit, when set, will
enable the timer to run and interrupt
the host at the specified frequency
in the timer registers.
OLB
Output Level Bit: Provided for back-
wards compatibility with the CS4236.
This bit does nothing on this chip.
Alternate Feature Enable II (I17)
Default = 0000x000
D7
D6
D5
D4
D3
D2
D1
D0
TEST
TEST
TEST
TEST
APAR
res
XTALE
HPF
HPF
High Pass Filter: This bit enables a
DC-blocking high-pass filter in the
digital filter of the ADC. This filter
forces the ADC offset to 0.
0 - disabled
1 - enabled
XTALE
Crystal Enable. Provided for back-
wards compatibility with the
CS4231A. This bit does nothing on
the this part.
res
Reserved. Must write 0. Could read
as 0 or 1.
DS213PP4
CS4237B
42


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com