Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 37Page - Cirrus Logic CS4237B Datasheet HTML 38Page - Cirrus Logic CS4237B Datasheet HTML 39Page - Cirrus Logic CS4237B Datasheet HTML 40Page - Cirrus Logic CS4237B Datasheet HTML 41Page - Cirrus Logic CS4237B Datasheet HTML 42Page - Cirrus Logic CS4237B Datasheet HTML 43Page - Cirrus Logic CS4237B Datasheet HTML 44Page - Cirrus Logic CS4237B Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
ACI
Auto-calibrate In-Progress: This bit
indicates the state of calibration.
0 - Calibration not in progress
1 - Calibration is in progress
PUR
Playback underrun: This bit is set
when playback data has not arrived
from the host in time to be played.
As a result, if DACZ = 0, the last
valid sample will be sent to the
DACs. This bit is set when an error
occurs and will not clear until the
Status register (R2) is read.
COR
Capture overrun: This bit is set when
the capture data has not been read
by the host before the next sample
arrives. The old sample will not be
overwritten and the new sample will
be ignored. This bit is set when an
error condition occurs and will not
clear until the Status register (R2) is
read.
The SER bit in the Status register (R2) is simply
a logical OR of the COR and PUR bits. This
enables a polling host CPU to detect an error
condition while checking other status bits.
MODE and ID (I12)
Default = 100x1010
D7
D6
D5
D4
D3
D2
D1
D0
1
CMS1
CMS0
res
ID3
ID2
ID1
ID0
ID3-ID0
Codec ID: These four bits indicate the
ID and initial revisions of the codec.
Further revisions are expanded in in-
direct register I25 through the
CS4236 and C1 for newer chips.
These bits are read only.
0001 - Rev B CS4248/CS4231
1010 - All other revisions and parts.
See Registers X25 or C1.
res
Reserved. Must write 0. Could read
as 0 or 1.
CMS1,0
Codec Mode Select bits: Enables the
Extended registers and functions of
the part.
00 - MODE 1
01 - Reserved
10 - MODE 2
11 - MODE 3
Monitor Loopback Volume (I13)
Default = 000000x0
D7
D6
D5
D4
D3
D2
D1
D0
LBA5
LBA4
LBA3
LBA2
LBA1
LBA0
res
LBE
LBE
Loopback Enable: When set to 1, the
ADC data is digitally mixed with data
sent to the DACs. This bit controls
the loopback enable for both chan-
nels regardless of how SLBE in X10
is set.
0 - Loopback disabled
1 - Loopback enabled
res
Reserved. Must write 0. Could read
as 0 or 1.
LBA5-LBA0
Loopback Attenuation: These bits
determine the attenuation of the loop-
back from ADC to DAC. The least
significant bit represents -1.5 dB,
with 000000 = 0 dB. See Table 6.
LBA5-LBA0 control left and right
channels when SLBE in X10 is
clear. When SLBE = 1, these bits
only control the left channel and
RLBA5- RLBA0 in X10 control the
right.
Playback Upper Base (I14)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PUB7
PUB6
PUB5
PUB4
PUB3
PUB2
PUB1
PUB0
PUB7-PUB0
Playback Upper Base: This register is
the upper byte which represents the
8 most significant bits of the 16-bit
Playback Base register. Reads from
this register return the same value
DS213PP4
CS4237B
41


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com