Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 36Page - Cirrus Logic CS4237B Datasheet HTML 37Page - Cirrus Logic CS4237B Datasheet HTML 38Page - Cirrus Logic CS4237B Datasheet HTML 39Page - Cirrus Logic CS4237B Datasheet HTML 40Page - Cirrus Logic CS4237B Datasheet HTML 41Page - Cirrus Logic CS4237B Datasheet HTML 42Page - Cirrus Logic CS4237B Datasheet HTML 43Page - Cirrus Logic CS4237B Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
Caution: This register, except bits CEN and
PEN, can only be written while in Mode Change
Enable (either MCE or PMCE). See the Chang-
ing Sampling Rate section for more details.
Pin Control (I10)
Default = 0000000x
D7
D6
D5
D4
D3
D2
D1
D0
XCTL1
XCTL0
OSM1
OSM0
DEN
DTM
IEN
res
res
Reserved. Must write 0. Could read
as 0 or 1.
IEN
Interrupt Enable: This bit enables the
interrupt pin. The Interrupt pin will re-
flect the value of the INT bit of the
Status register (R2). The interrupt
pin is active high.
0 - Interrupt disabled
1 - Interrupt enabled
DTM
DMA Timing Mode. MODE 2 & 3 only.
When set, causes the current DMA
request signal to be deasserted on
the rising edge of the IOW or IOR
strobe during the next to last byte of
a DMA transfer. When DTM = 0 the
DMA request is released on the fall-
ing edge of the IOW or IOR during
the last byte of a DMA transfer.
DEN
Dither Enable: When set, triangular
pdf dither is added before truncating
the ADC 16-bit value to 8-bit, un-
signed data. Dither is only active in
the 8-bit unsigned data mode.
0 - Dither enabled
1 - Dither disabled
OSM1-OSM0
These bits are enabled by setting
SRE = 1 in I22. These bits in com-
bination with DIV5-DIV0 and CS2
(I22) determine the current sample
rate of the WSS Codec when
SRE = 1. Note that these bits can
be disabled by setting IFSE in X11.
00 - 12kHz < Fs
≤ 24kHz
01 - Fs > 24kHz
10 - Fs
≤ 12kHz
11 - reserved
XCTL1-XCTL0 XCTL Control: These bits are reflected
on the XCTL1,0 pins of the part.
NOTE: These pins are multiplexed
with other functions; therefore, they
may not be available on a particular
design.
0 - TTL logic low on XCTL1,0 pins
1 - TTL logic high on XCTL1,0 pins
Error Status and Initialization (I11, Read Only)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
COR
PUR
ACI
DRS
ORR1
ORR0
ORL1
ORL0
ORL1-ORL0
Overrange Left Detect: These bits
determine the overrange on the left
ADC channel. These bits are up-
dated on a sample by sample basis.
0 - Less than -1.5 dB
1 - Between -1.5 dB and 0 dB
2 - Between 0 dB and 1.5 dB
overrange
3 - Greater than 1.5 dB overrange
ORR1-ORR0
Overrange Right Detect: These bits
determine the overrange on the
Right ADC channel.
0 - Less than -1.5 dB
1 - Between -1.5 dB and 0 dB
2 - Between 0 dB and 1.5 dB
overrange
3 - Greater than 1.5 dB overrange
DRS
DRQ Status: This bit indicates the
current status of the DRQs assigned
to the WSS Codec.
0 - Capture AND Playback DRQs are
presently inactive
1 - Capture OR Playback DRQs are
presently active
DS213PP4
CS4237B
40


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com