Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 4 Page - Cirrus Logic

  CS4237B Datasheet HTML 1Page - Cirrus Logic CS4237B Datasheet HTML 2Page - Cirrus Logic CS4237B Datasheet HTML 3Page - Cirrus Logic CS4237B Datasheet HTML 4Page - Cirrus Logic CS4237B Datasheet HTML 5Page - Cirrus Logic CS4237B Datasheet HTML 6Page - Cirrus Logic CS4237B Datasheet HTML 7Page - Cirrus Logic CS4237B Datasheet HTML 8Page - Cirrus Logic CS4237B Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
ANALOG CHARACTERISTICS (Continued)
CS4237B-JQ
CS4237B-KQ
Parameter*
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Analog Output Characteristics - Minimum Attenuation (0dB); unless otherwise specified.
DAC Resolution
(Note 1)
16
-
-
16
-
-
Bits
DAC Differential Nonlinearity
(Note 1)
-
-
±0.5
--
±0.5
LSB
Dynamic Range
-Total
All Outputs
-Instantaneous
TDR
IDR
-
-
-
85
-
-
-
80
95
85
-
-
dB
Total Harmonic Distortion
(Note 3)
THD
-
0.01
-
-
0.01
0.02
%
Interchannel Isolation
Line Out
(Note 3)
-
95
-
-
95
-
dB
Interchannel Gain Mismatch
Line Out
-
±0.1
±0.5
-
±0.1
±0.5
dB
Voltage Reference Output - VREF
2.0
2.2
2.5
2.0
2.2
2.5
V
Voltage Reference Output Current - VREF
(Notes 1,4)
-
100
400
-
100
400
µA
DAC Programmable Attenuation Span
100
106.5
-
100
106.5
-
dB
DAC Attenuation Step Size
+12 dB to -81 dB
-82.5 dB to -94.5 dB
1.3
1.0
1.5
1.5
1.7
2
1.3
1.0
1.5
1.5
1.7
2
dB
dB
DAC Offset Voltage
-
-
-
-
±1
±10
mV
Full Scale Output Voltage:
OUT, MOUT
(Note 3)
2.6
2.8
3.2
2.6
2.8
3.2
Vpp
Gain Drift
-
100
-
-
100
-
ppm/°C
Deviation from Linear Phase
(Passband)
(Note 1)
-
-
1
-
-
1
Degree
External Load Impedance
(Note 1)
10
-
-
10
-
-
k
Mute Attenuation
80
-
-
80
-
-
dB
Total Out-of-Band Energy
0.6xFs to 100 kHz
(Note 1)
--
--
-
-45
dB
Audible Out-of-Band Energy 0.6xFs to 22 kHz
(Fs=8kHz)
(Note 1)
--
--
-
-70
dB
Power Supply
Power Supply Current
Digital, Operating
Analog, Operating
Total Operating
Total Power Down
-
-
-
-
80
25
105
100
-
-
-
-
-
-
-
-
80
25
105
100
91
31
122
400
mA
mA
mA
µA
Power Supply Rejection 1 kHz
(Note 1)
40
-
-
40
-
-
dB
Notes:
3. 10 k
Ω, 100 pF load.
4. DC current only. If dynamic loading exists, then the voltage reference output must be buffered
or the performance of ADCs and DACs will be degraded.
DS213PP4
CS4237B
4


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com