Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 35Page - Cirrus Logic CS4237B Datasheet HTML 36Page - Cirrus Logic CS4237B Datasheet HTML 37Page - Cirrus Logic CS4237B Datasheet HTML 38Page - Cirrus Logic CS4237B Datasheet HTML 39Page - Cirrus Logic CS4237B Datasheet HTML 40Page - Cirrus Logic CS4237B Datasheet HTML 41Page - Cirrus Logic CS4237B Datasheet HTML 42Page - Cirrus Logic CS4237B Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
0 - Mono
1 - Stereo
C/L, FMT1, and FMT0 bits set the audio data format
as shown below. In MODE 1, FMT1,
which is forced low, FMT0, and C/L
are used for both playback and cap-
ture. In MODEs 2 and 3, these bits
are only used for playback, and the
capture format is independently se-
lected via register I28. MCE (R0) or
PMCE (I16) must be set to modify
the upper four bits of this register.
See
Changing Audio Data Formats
section for more details.
FMT1
D7
FMT0
D6
C/L
D5
Audio Data Format
00
0
Linear, 8-bit unsigned
00
1
µ-Law, 8-bit companded
01
0
Linear, 16-bit two’s
complement, Little Endian
01
1
A-Law, 8-bit companded
10
0
RESERVED
10
1
ADPCM, 4-bit, IMA compatible
11
0
Linear, 16-bit two’s
complement, Big Endian
11
1
RESERVED
† FMT1 is not available in MODE 1 (forced to 0).
Interface Configuration (I9)
Default = 00x01000
D7
D6
D5
D4
D3
D2
D1
D0
CPIO
PPIO
res
CAL1
CAL0
SDC
CEN
PEN
PEN
Playback Enable. This bit enables
playback. The WSS Codec will
generate a DRQ and respond to
DACK signal when this bit is en-
abled and PPIO=0. If PPIO=1, PEN
enables PIO playback mode. PEN
may be set and reset without setting
the MCE bit.
0 - Playback Disabled (playback DRQ
and PIO inactive)
1 - Playback Enabled
CEN
Capture Enabled. This bit enables the
capture of data. The WSS Codec
will generate a DRQ and respond to
DACK signal when CEN is enabled
and CPIO=0. If CPIO=1, CEN en-
ables PIO capture mode. CEN may
be set and reset without setting the
MCE bit.
0 - Capture Disabled (capture DRQ
and PIO inactive)
1 - Capture Enabled
SDC
Single DMA Channel: This bit will force
BOTH capture and playback DMA re-
quests to occur on the Playback
DMA channel. This bit forces the
WSS Codec to use one DMA chan-
nel. Should both capture and
playback be enabled in this mode,
only the playback will occur. See the
DMA Interface section for further ex-
planation.
0 - Dual DMA channel mode
1 - Single DMA channel mode
CAL1,0
Calibration: These bits determine
which type of calibration the WSS
Codec performs whenever the Mode
Change Enable (MCE) bit, R0,
changes from 1 to 0. The number of
sample periods required for calibra-
tion is listed in parenthesis.
0 - No calibration (0)
1 - Converter calibration (321)
2 - DAC calibration (120)
3 - Full calibration (450)
PPIO
Playback PIO Enable: This bit deter-
mines whether the playback data is
transferred via DMA or PIO.
0 - DMA transfers
1 - PIO transfers
CPIO
Capture PIO Enable: This bit deter-
mines whether the capture data is
transferred via DMA or PIO.
0 - DMA transfers
1 - PIO transfers
DS213PP4
CS4237B
39


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com