Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 34Page - Cirrus Logic CS4237B Datasheet HTML 35Page - Cirrus Logic CS4237B Datasheet HTML 36Page - Cirrus Logic CS4237B Datasheet HTML 37Page - Cirrus Logic CS4237B Datasheet HTML 38Page - Cirrus Logic CS4237B Datasheet HTML 39Page - Cirrus Logic CS4237B Datasheet HTML 40Page - Cirrus Logic CS4237B Datasheet HTML 41Page - Cirrus Logic CS4237B Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
Right DAC (PC Wave) Volume (I7)
Default = 10000000
D7
D6
D5
D4
D3
D2
D1
D0
RDOM RDG6 RDG5
RDG4
RDG3
RDG2
RDG1
RDG0
RPM
res
RPA5
RPA4
RPA3
RPA2
RPA1
RPA0
If both IFM (X4 or Global Config. byte) and WTEN
(C8 or Global Config. byte) are cleared, this register
is the master digital audio volume for the right chan-
nel with the following bit definitions:
RDG6-RDG0
Right DAC Master Volume. The least
significant bit represents 1.5 dB, with
0000000 = 0 dB. The total range is
+12 to -94.5 dB. See Table 12.
RDOM
Right DAC Master Mute. When set,
the right DAC to the output mixer is
muted.
If IFM or WTEN is set, this register controls the right
channel volume for data coming from the ISA bus
only (and X15 is the right channel digital audio mas-
ter volume) with the following bit descriptions.
RPA5-RPA0
Right PC Wave Attenuation. The least
significant bit represents -1.5 dB,
with 000000 = 0 dB. The total range
is 0 to -94.5 dB. See Table 6.
res
Reserved. Must write 0. Could read
as 0 or 1.
RPM
Right PC Wave Mute. When set, the
right PCM input to the digital mixer
summer will be muted.
Fs and Playback Data Format (I8)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
FMT1
FMT0
C/LS/M
CFS2
CFS1
CFS0
C2SL
C2SL
Clock 2 Source Select: This bit selects
the clock base used for the audio
sample rates for both capture and
playback. Note that this bit can be
disabled by setting SRE in I22 or by
setting IFSE in X11.
CAUTION: C2SL can only be
changed while MCE (R0) is set.
See Table below.
CFS2-CFS0
Clock Frequency Divide Select: These
bits select the audio sample fre-
quency for both capture and
playback. The actual audio sample
frequency depends on which clock
base (C2SL) is selected. Note that
these bits can be disabled by setting
SRE in I22 or IFSE in X11.
CAUTION: CFS2-CFS0 can only be
changed while MCE (R0) is set.
DIVIDE
C2SL = 0
C2SL = 1
0 - 3072
8.0 kHz
5.51 kHz
1 - 1536
16.0 kHz
11.025 kHz
2 - 896
27.42 kHz
18.9 kHz
3 - 768
32.0 kHz
22.05 kHz
4 - 448
N/A
37.8 kHz
5 - 384
N/A
44.1 kHz
6 - 512
48.0 kHz
33.075 kHz
7 - 2560
9.6 kHz
6.62 kHz
S/M
Stereo/Mono Select: This bit deter-
mines how the audio data streams
are formatted. Selecting stereo will
result in alternating samples repre-
senting left and right audio channels.
Mono playback plays the same
audio sample on both channels.
Mono capture only captures data
from the left channel. In MODE 1,
this bit is used for both playback and
capture. In MODEs 2 and 3, this bit
is only used for playback, and the
capture format is independently se-
lected via I28. MCE (R0) or PMCE
(I16) must be set to modify S/M.
See
Changing Audio Data Formats
section for more details.
DS213PP4
CS4237B
38


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com