Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 32Page - Cirrus Logic CS4237B Datasheet HTML 33Page - Cirrus Logic CS4237B Datasheet HTML 34Page - Cirrus Logic CS4237B Datasheet HTML 35Page - Cirrus Logic CS4237B Datasheet HTML 36Page - Cirrus Logic CS4237B Datasheet HTML 37Page - Cirrus Logic CS4237B Datasheet HTML 38Page - Cirrus Logic CS4237B Datasheet HTML 39Page - Cirrus Logic CS4237B Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
Right ADC Input Control (I1)
Default = 000x0000
D7
D6
D5
D4
D3
D2
D1
D0
RSS1
RSS0
RMGE
res
RAG3
RAG2
RAG1
RAG0
RAG3-RAG0
Right ADC Gain. The least significant
bit represents +1.5 dB, with
0000 = 0 dB. See Table 7.
res
Reserved. Must write 0. Could read
as 0 or 1.
RMGE
This bit has no function in MODE 3.
In MODEs 1 & 2 it controls the
20 dB gain boost for the right MIC in-
put to the ADCs.
RSS1-RSS0
Right output loopback. In MODE 3
setting these bits to 11 enables the
right output loopback into the input
mixer. Other bit combinations dis-
able the loopback.
In MODEs 1 & 2, the input mixer is
used as a mux. where these bits se-
lect the right ADC input source.
00 - RLINE
01 - RAUX1
10 - RMIC
11 - Right Output Mixer Loopback
Left Auxiliary #1 Volume (I2)
Default = 11101000
D7
D6
D5
D4
D3
D2
D1
D0
LX1OM LX1IM LX1BM LX1G4 LX1G3 LX1G2 LX1G1 LX1G0
LX1G4-LX1G0 Left Auxiliary #1, LAUX1, Mix Gain.
The least significant bit represents
1.5 dB, with 01000 = 0 dB.
See Table 10.
LX1BM
Left Auxiliary #1 Bypass Mute. In
MODE 3, when set, the left Auxiliary
#1 input, LAUX1, (bypassing the
gain) to the input mixer, is muted. In
MODEs 1 & 2, this bit is not avail-
able and is internally controlled by
LSS1,0 in I0.
LX1IM
Left Auxiliary #1 Mute. In MODE 3,
when set, the left Auxiliary #1 input,
LAUX1, to the input mixer through
the gain stage, is muted.
In MODEs 1 & 2, this bit is not avail-
able and internally forced on (muted).
LX1OM
Left Auxiliary #1 Mute. When set to 1,
the left Auxiliary #1 input, LAUX1, to
the output mixer through the gain
stage, is muted.
Right Auxiliary #1 Volume (I3)
Default = 11101000
D7
D6
D5
D4
D3
D2
D1
D0
RX1OM RX1IM RX1BM RX1G4 RX1G3 RX1G2 RX1G1 RX1G0
RX1G4-RX1G0 Right Auxiliary #1, RAUX1, Mix Gain.
The least significant bit represents
1.5 dB, with 01000 = 0 dB.
See Table 10.
RX1BM
Right Auxiliary #1 Bypass Mute. In
MODE 3, when set, the right Auxil-
iary #1 input, RAUX1, (bypassing
the gain) to the input mixer is muted.
In MODEs 1 & 2, this bit is not avail-
able and is internally controlled by
RSS1,0 in I1.
RX1IM
Right Auxiliary #1 Mute. When set to 1,
the right Auxiliary #1 input, RAUX1,
to the input mixer through the gain
stage, is muted.
In MODEs 1 & 2, this bit is not avail-
able and internally forced on (muted).
RX1OM
Right Auxiliary #1 Mute. When set to 1,
the right Auxiliary #1 input, RAUX1,
to the output mixer through the gain
stage, is muted.
LX1G4-G0
LAUX1
(Line In)
LX1IM
LX1OM
LX1BM
To Output
Mixer
To Input
Mixer
+12 to -34.5 dB
RX1G4-G0
RAUX1
(Line In)
RX1IM
RX1OM
RX1BM
To Output
Mixer
To Input
Mixer
+12 to -34.5 dB
DS213PP4
CS4237B
36


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com