Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 31Page - Cirrus Logic CS4237B Datasheet HTML 32Page - Cirrus Logic CS4237B Datasheet HTML 33Page - Cirrus Logic CS4237B Datasheet HTML 34Page - Cirrus Logic CS4237B Datasheet HTML 35Page - Cirrus Logic CS4237B Datasheet HTML 36Page - Cirrus Logic CS4237B Datasheet HTML 37Page - Cirrus Logic CS4237B Datasheet HTML 38Page - Cirrus Logic CS4237B Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
Capture I/O Data Register
(WSSbase+3, R3, Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
CD7-CD0
Capture Data Port. This is the control
register where capture data is read
during programmed I/O data trans-
fers.
The reading of this register will increment the
state machine so that the following read will be
from the next appropriate byte in the sample.
The exact byte which is next to be read can be
determined by reading the Status register (R2).
Once all relevant bytes have been read, the state
machine will point to the last byte of the sample
until a new sample is received from the ADCs.
Once the Status register (R2) is read and a new
sample is received from the FIFO, the state ma-
chine and Status register (R2) will point to the
first byte of the new sample.
During initialization and software power down
of the WSS Codec, this register can NOT be
written and is always read 10000000 (80h)
Playback I/O Data Register
WSSbase+3, R3, Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
PD7PD6
PD5PD4
PD3PD2
PD1PD0
PD7-PD0
Playback Data Port. This is the control
register where playback data is
written during programmed IO data
transfers.
Writing data to this register will increment the
playback byte tracking state machine so that the
following write will be to the correct byte of the
sample. Once all bytes of a sample have been
written, subsequent byte writes to this port are
ignored. The state machine is reset after the
Status register (R2) is read, and the current sam-
ple is sent to the DACs via the FIFOs.
INDIRECT MAPPED REGISTERS
These registers are accessed by placing the ap-
propriate index in the Index Address register
(R0) and then accessing the Indexed Data regis-
ter (R1). A detailed description of each indirect
register is given below. All reserved bits should
be written zero and may be 0 or 1 when read.
Note that indirect registers 16-31 are not avail-
able when in MODE 1 (CMS1,0 in MODE and
ID register I12 are both zero).
Left ADC Input Control (I0)
Default = 000x0000
D7
D6
D5
D4
D3
D2
D1
D0
LSS1
LSS0
LMGE
res
LAG3
LAG2
LAG1
LAG0
LAG3-LAG0
Left ADC Gain. The least significant
bit represents +1.5 dB, with
0000 = 0 dB. See Table 7.
res
Reserved. Must write 0. Could read
as 0 or 1.
LMGE
This bit has no function in MODE 3.
In MODEs 1 & 2 it controls the
20 dB gain boost for the left MIC in-
put to the ADC.
LSS1-LSS0
Left output loopback. In MODE 3,
setting these bits to 11 enables the
left output loopback into the input
mixer. Bit combinations of 01, 10,
and 00 disable the loopback.
In MODEs 1 & 2, the input mixer is
used as a multiplexer where these
bits select the left ADC input source.
00 - LLINE
01 - LAUX1
10 - LMIC
11 - Left Output Mixer Loopback
DS213PP4
CS4237B
35


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com