Electronic Components Datasheet Search |
|
CS4237B Datasheet(PDF) 34 Page - Cirrus Logic |
|
CS4237B Datasheet(HTML) 34 Page - Cirrus Logic |
34 / 114 page PL/R Playback Left/Right Sample: This bit indicates whether data needed is for the Left channel or Right channel in all data formats except ADPCM. In ADPCM it indicates whether the first two or last two bytes of a 4-byte set (8 ADPCM samples) are needed. 0 - Right or 3/4 ADPCM byte needed 1 - Left, Mono, or 1/2 ADPCM byte needed PU/L Playback Upper/Lower Byte: This bit indicates whether the playback data needed is for the upper or lower byte of the channel. In ADPCM it in- dicates, along with PL/R, which one of the four ADPCM bytes is needed. 0 - Lower or 1/3 ADPCM byte needed 1 - Upper, any 8-bit format, or 2/4 ADPCM byte needed. SER Sample Error: This bit indicates that a sample was not serviced in time and an error has occurred. The bit indi- cates an overrun for capture and underrun for playback. If both the capture and playback are enabled, the source which set this bit can not be determined. However, the Alter- nate Feature Status register (I24) can indicate the exact source of the error. CRDY Capture Data Ready. The Capture Data register (R3) contains data ready for reading by the host. This bit would be used for direct pro- grammed I/O data transfers. 0 - Data is stale. Do not reread the information. 1 - Data is fresh. Ready for next host data read. CL/R Capture Left/Right Sample: This bit indicates whether the capture data waiting is for the Left channel or Right channel in all audio data for- mats except ADPCM. In ADPCM it indicates whether the first two or last two bytes of a 4-byte set (8 ADPCM samples) are waiting. 0 - Right or 3/4 ADPCM byte available 1 - Left, Mono, or 1/2 ADPCM byte available CU/L Capture Upper/Lower Byte: This bit indicates whether the capture data ready is for the upper or lower byte of the channel. In ADPCM it indi- cates, along with CL/R, which one of four ADPCM bytes is available. 0 - Lower or 1/3 ADPCM byte available 1 - Upper, any 8-bit format, or 2/4 ADPCM byte available Note on PRDY/CRDY: These two bits are de- signed to be read as one when action is required by the host. For example, when PRDY is set to one, the device is ready for more data; or when the CRDY is set to one, data is available to the host. The definition of the CRDY and PRDY bits are therefore consistent in this regard. I/O DATA REGISTERS The PIO Data register is two registers mapped to the same address. Writes to this register sends data to the Playback Data register. Reads from this register will receive data from the Capture Data register. During initialization and software power down of the WSS Codec, this register CANNOT be written and is always read 10000000 (80h) DS213PP4 CS4237B 34 |
Similar Part No. - CS4237B |
|
Similar Description - CS4237B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |