Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 29Page - Cirrus Logic CS4237B Datasheet HTML 30Page - Cirrus Logic CS4237B Datasheet HTML 31Page - Cirrus Logic CS4237B Datasheet HTML 32Page - Cirrus Logic CS4237B Datasheet HTML 33Page - Cirrus Logic CS4237B Datasheet HTML 34Page - Cirrus Logic CS4237B Datasheet HTML 35Page - Cirrus Logic CS4237B Datasheet HTML 36Page - Cirrus Logic CS4237B Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
Index Address Register
(WSSbase+0, R0)
D7
D6
D5
D4
D3
D2
D1
D0
INIT
MCE
TRD
IA4
IA3
IA2
IA1
IA0
IA3-IA0
Index Address: These bits define the
address of the indirect register ac-
cessed by the Indexed Data register
(R1). These bits are read/write.
IA4
Allows access to indirect registers 16
- 31. In MODE 1, this bit is re-
served and must be written as zero.
TRD
Transfer Request Disable: This bit,
when set, causes DMA transfers to
cease when the INT bit of the Status
Register (R2) is set. Independent for
playback and capture interrupts.
0 - Transfers Enabled (playback and
capture DRQs occur uninhibited)
1 - Transfers Disabled (playback and
capture DRQ only occur if INT bit
is 0)
MCE
Mode Change Enable: This bit must
be set whenever the current mode
of the WSS Codec is changed. The
Data Format (I8, I28) and Interface
Configuration (I9) registers CANNOT
be changed unless this bit is set.
The exceptions are CEN and PEN
which can be changed "on-the-fly".
The DAC output is muted when
MCE is set.
INIT
WSS Codec Initialization: This bit is
read as 1 when the Codec is in a
state in which it cannot respond to
parallel interface cycles. This bit is
read-only.
Immediately after RESET (and once the WSS
Codec has left the INIT state), the state of this
register is: 010x0000 (binary - where ’x’ indi-
cates unknown).
During initialization and software power down
(PM1,0 = 01), this register CANNOT be written
and always reads 10000000 (80h)
Indexed Data Register
(WSSbase+1, R1)
D7
D6
D5
D4
D3
D2
D1
D0
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
ID7-ID0
Indexed Data register: These bits are
the indirect register referenced by
the Indexed Address register (R0).
During initialization and software power down
of the WSS Codec, this register can NOT be
written and is always read 10000000 (80h)
Status Register
(WSSbase+2, R2, Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
CU/LCL/R
CRDY
SER
PU/LPL/R
PRDY
INT
INT
Interrupt Status: This indicates the
status of the internal interrupt logic
of the WSS Codec. This bit is
cleared by any write of any value to
this register. The IEN bit of the Pin
Control register (I10) determines
whether the state of this bit is re-
flected on the IRQ pin assigned to
the WSS Codec.
Read States
0 - Interrupt inactive
1 - Interrupt active
PRDY
Playback Data Ready. The Playback
Data register (R3) is ready for more
data. This bit would be used when di-
rect programmed I/O data transfers
are desired.
0 - Data still valid. Do not overwrite.
1 - Data stale. Ready for next host
data write value.
DS213PP4
CS4237B
33


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com