Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 27Page - Cirrus Logic CS4237B Datasheet HTML 28Page - Cirrus Logic CS4237B Datasheet HTML 29Page - Cirrus Logic CS4237B Datasheet HTML 30Page - Cirrus Logic CS4237B Datasheet HTML 31Page - Cirrus Logic CS4237B Datasheet HTML 32Page - Cirrus Logic CS4237B Datasheet HTML 33Page - Cirrus Logic CS4237B Datasheet HTML 34Page - Cirrus Logic CS4237B Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
bit5
bit4
bit3
bit2
bit1
bit0
WG5-0 (X16,17)
LBA5-0, PA5-0, SPA5-0, FMA5-0
0
0
0
0
0
0
0
12.0 dB
0.0 dB
1
0
0
0
0
0
1
10.5 dB
-1.5 dB
2
0
00
010
9.0 dB
-3.0 dB
3
0
00
011
7.5 dB
-4.5 dB
.
.
..
..
.
-
.
8
0
0
1
0
0
0
0 dB
-12.0 dB
.
.
..
..
.
-
.
.
.
..
..
.
-
.
60
1
1
1
1
0
0
-78.0 dB
-90.0 dB
61
1
1
1
1
0
1
-79.5 dB
-91.5 dB
62
1
1
1
1
1
0
-81.0 dB
-93.0 dB
63
1
1
1
1
1
1
-82.5 dB
-94.5 dB
Table 6. Wavetable, Loopback, PC Wave, DSP Serial, & FM
bit3
bit2
bit1
bit0
Input Gain
(I0,I1)
Mono In
(I26)
0
0
0
0
0
0.0 dB
0.0 dB
1
0
0
0
1
1.5 dB
-3.0 dB
2
0
0
1
0
3.0 dB
-6.0 dB
3
0
0
1
1
4.5 dB
-9.0 dB
.
.
...
-
.
.
.
...
-
.
.
.
...
-
.
12
1
1
0
0
18.0 dB
-36.0 dB
13
1
1
0
1
19.5 dB
-39.0 dB
14
1
1
1
0
21.0 dB
-42.0 dB
15
1
1
1
1
22.5 dB
-45.0 dB
Table 7. Input ADC Gain and Mono In Levels
LIS1
LIS0
LEVEL
RIS1
RIS0
00
0 dB
01
-6 dB
10
-12 dB
11
-18 dB
Table 8. Input Mixer Attenuation
CFS
21
0
C2SL = 0
C2SL=1
0
0
0
8.0 kHz
5.51 kHz
0
0
1
16.0 kHz
11.025 kHz
0
1
0
27.42 kHz
18.9 kHz
0
1
1
32.0 kHz
22.05 kHz
1
0
0
N/A
37.8 kHz
1
0
1
N/A
44.1 kHz
1
1
0
48.0 kHz
33.075 kHz
1
1
1
9.6 kHz
6.62 kHz
Table 9. Sample Frequencies
G4
G3
G2
G1
G0
Level
0
0
0
0
0
0
12.0 dB
1
0
0
0
0
1
10.5 dB
2
0
0
0
1
0
9.0 dB
3
0
0
0
1
1
7.5 dB
4
0
0
1
0
0
6.0 dB
5
0
0
1
0
1
4.5 dB
6
0
0
1
1
0
3.0 dB
7
0
0
1
1
1
1.5 dB
8
0
1
0
0
0
0.0 dB
9
0
1
001
-1.5 dB
10
0
1
010
-3.0 dB
11
0
1
011
-4.5 dB
12
0
1
100
-6.0 dB
.
.
..
..
.
.
.
..
..
.
.
.
..
..
.
24
1
1
0
0
0
-24.0 dB
25
1
1
0
0
1
-25.5 dB
26
1
1
0
1
0
-27.0 dB
27
1
1
0
1
1
-28.5 dB
28
1
1
1
0
0
-30.0 dB
29
1
1
1
0
1
-31.5 dB
30
1
1
1
1
0
-33.0 dB
31
1
1
1
1
1
-34.5 dB
Table 10. AUX1, AUX2, LINE
FMT1
FMT0 C/L
Data Format
00
0
Linear, 8-bit unsigned
00
1
µ-Law, 8-bit companded
01
0
Linear, 16-bit two’s
complement, Little Endian
01
1
A-Law, 8-bit companded
10
1
ADPCM, 4-bit, IMA compatible
11
0
Linear, 16-bit two’s
complement, Big Endian
Table 11. WSS Codec Data Format
DS213PP4
CS4237B
31


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com