Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 25Page - Cirrus Logic CS4237B Datasheet HTML 26Page - Cirrus Logic CS4237B Datasheet HTML 27Page - Cirrus Logic CS4237B Datasheet HTML 28Page - Cirrus Logic CS4237B Datasheet HTML 29Page - Cirrus Logic CS4237B Datasheet HTML 30Page - Cirrus Logic CS4237B Datasheet HTML 31Page - Cirrus Logic CS4237B Datasheet HTML 32Page - Cirrus Logic CS4237B Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
Sound System Codec Register Interface
The Windows Sound System codec is mapped
via four locations. The I/O base address,
WSSbase, is determined by the Plug and Play
configuration. The WSSbase supports four direct
registers, shown in Table 3. The first two direct
registers are used to access 32 indirect registers
shown in Table 4. The Index Address register
(WSSbase+0) points to the indirect register that
is accessed through the Indexed Data register
(WSSbase+1).
This section describes all the direct and indirect
registers for the WSS Codec. Table 5 details a
summary of each bit in each register with Ta-
bles 6 through 15 illustrating the majority of
decoding needed when programming the WSS
logical device, and are included for reference.
When enabled, the WSS Codec default state is
defined as MODE 1. MODE 1 is backwards
compatible with the CS4248 and only allows ac-
cess to the first 16 indirect registers. Putting the
part in MODE 2 or MODE 3, using CMS1,0 bits
in the MODE and ID register (I12), allows ac-
cess to indirect registers 16 through 31. Putting
the part in MODE 3 also allows access to the
extended registers through I23 and other ex-
tended features in the indirect registers.
DIRECT MAPPED REGISTERS
The first two WSS Codec registers provide indi-
rect accessing to more codec registers via an
index register. The other two registers provide
status information and allow audio data to be
transferred to and from the WSS Codec without
using DMA cycles or indexing.
Note that register defaults are listed in binary
form with reserved bits marked with ’x’ to indi-
cate unknown. To maintain compatibility with
future parts, these reserved bits must be written
as 0, and must be masked off when the register
is read. The current value read for reserved bits
is not guaranteed on future revisions.
Direct Registers: (R0-R3)
Address
Reg.
Register Name
WSSbase+0
R0
Index Address register
WSSbase+1
R1
Indexed Data register
WSSbase+2
R2
Status register
WSSbase+3
R3
PIO Data register
Table 3. WSS Codec Direct Register
Index
Register Name
I0
Left ADC Input Control
I1
Right ADC Input Control
I2
Left Aux #1 Volume
I3
Right Aux #1Volume
I4
Left Aux #2 Volume
I5
Right Aux #2 Volume
I6
Left DAC (PC Wave) Volume
I7
Right DAC (PC Wave) Volume
I8
Fs & Playback Data Format
I9
Interface Configuration
I10
Pin Control
I11
Error Status and Initialization
I12
MODE and ID
I13
Monitor Loopback Volume
I14
Playback Upper Base Count
I15
Playback Lower Base Count
I16
Alternate Feature Enable I
I17
Alternate Feature Enable II
I18
Left Line (Synthesizer) Volume
I19
Right Line (Synthesizer) Volume
I20
Timer Low Byte
I21
Timer High Byte
I22
Alternate Sample Frequency
I23
Extended Register Access (X regs)
I24
Alternate Feature Status
I25
Compatibility ID
I26
Mono Input & Output Control
I27
Reserved
I28
Capture Data Format
I29
Reserved
I30
Capture Upper Base Count
I31
Capture Lower Base Count
Table 4. WSS Codec Indirect Registers
DS213PP4
CS4237B
29


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com