Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 23Page - Cirrus Logic CS4237B Datasheet HTML 24Page - Cirrus Logic CS4237B Datasheet HTML 25Page - Cirrus Logic CS4237B Datasheet HTML 26Page - Cirrus Logic CS4237B Datasheet HTML 27Page - Cirrus Logic CS4237B Datasheet HTML 28Page - Cirrus Logic CS4237B Datasheet HTML 29Page - Cirrus Logic CS4237B Datasheet HTML 30Page - Cirrus Logic CS4237B Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 114 page
background image
MODE 1. Except for the Capture Data Format
(I28), Capture Base Count (I30/31), and Alter-
nate Feature Status (I24) registers, all other
Mode 2 functions retain their values when re-
t ur ni n g to M od e 1 . T h e WS S C ode c is
ba ckwa rds co mp ati ble wit h t he CS4236,
CS4232, CS4231 and CS4248.
The additional MODE 2 functions are: full-du-
plex support, a programmable timer, Mono In
and Mono Out support.
MODE 3 is selected by setting CMS1,0 to 11.
MODE 3 allows access to new bits in the indi-
rect registers I0-I31, and allows access to a third
set of "extended registers" which are designated
X0-X17+X25. The extended registers are ac-
cessed through I23. The additional MODE 3
functions are:
1. A full symmetrical mixer. This changes the in-
put multiplexer to a input mixer.
2. Independent sample frequency control on the
ADCs and DACs.
3. Programmable Gain and Attenuation on the
Microphone inputs.
4. Independent control over the volume of inter-
nal FM synthesis and external wavetable.
5. Volume control on the DSP serial port input
data.
6. Stereo volume on the monitor feedback path.
FIFOs
The WSS Codec contains 16-sample FIFOs in
both the playback and capture digital audio data
paths. The FIFOs are transparent and have no
programming associated with them.
When playback is enabled, the playback FIFO
continually requests data until the FIFO is full,
and then makes requests as positions inside the
FIFO are emptied, thereby keeping the playback
FIFO as full as possible. Thus when the system
cannot respond within a sample period, the FIFO
starts to empty, avoiding a momentary loss of
audio data. If the FIFO runs out of data, the last
valid sample can be continuously output to the
DACs (if DACZ in I16 is set) which will elimi-
nate pops from occurring.
When capture is enabled, the capture FIFO tries
to continually stay empty by making requests
every sample period. Thus when the system can-
not respond within a sample period, the capture
FIFO starts filling, thereby avoiding a loss of
data in the audio data stream.
WSS Codec PIO Register Interface
Four I/O mapped locations are available for ac-
cessing the Codec functions and mixer. The
control registers allow access to status, audio
data, and all indirect registers via the index reg-
isters. The IOR and IOW signals are used to
define the read and write cycles respectively. A
PIO access to the Codec begins when the host
puts an address on to the ISA bus which matches
WSSbase and drives AEN low. WSSbase is pro-
grammed during a Plug and Play configuration
sequence. Once a valid base address has been
decoded then the assertion of IOR will cause the
WSS Codec to drive data on the ISA data bus
lines. Write cycles require the host to assert data
on the ISA data bus lines and strobe the IOW
signal. The WSS Codec will latch data into the
PIO register on the rising edge of the IOW
strobe.
The audio data interface typically uses DMA re-
quest/grant pins to transfer the digital audio data
between the WSS Codec and the bus. The WSS
Codec is responsible for asserting a request sig-
nal whenever the Codec’s internal buffers need
updating. The bus responds with an acknowledge
signal and strobes data to and from the Codec, 8
bits at a time. The WSS Codec keeps the request
DS213PP4
CS4237B
27


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com