Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 22Page - Cirrus Logic CS4237B Datasheet HTML 23Page - Cirrus Logic CS4237B Datasheet HTML 24Page - Cirrus Logic CS4237B Datasheet HTML 25Page - Cirrus Logic CS4237B Datasheet HTML 26Page - Cirrus Logic CS4237B Datasheet HTML 27Page - Cirrus Logic CS4237B Datasheet HTML 28Page - Cirrus Logic CS4237B Datasheet HTML 29Page - Cirrus Logic CS4237B Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
specific E
2PROM data sheet to select the value
of the pull-up resistor (a typical value would be
3.3k
Ω).
Programming the E
2PROM:
1. Configure Control I/O base address by one
of two methods: regular PnP cycle or Crystal
Key method.
a. The host can use the regular PnP cycle to
program the logical device 2 I/O base ad-
dress, and then place the chip in the
wait_for_key_state
b. If the Crystal Key method is used:
First, write to I/O 0279h, send the 32-
byte Crystal key. (The Crystal Key only
supports one Crystal part per system.)
Second, configure the Control I/O base
address by writing 15h, 02h, 47h, 01h,
20h, 33h, 01h, 79h to 0279h.
2. Refer to the specific data sheet for the
E
2PROM you are using for timing require-
ments and data format. Also, refer to the
Loading Resource Data section of this data
sheet for the E
2PROM resource data format.
3. Send the E
2PROM data in successive bits to
CTRLbase+1 (Hardware Control Register)
while following the E
2PROM data sheet for-
mat.
The E
2PROM now contains the PnP resource
data. For this new data to take effect, the part
must be reset, causing the part to read the
E
2PROM during initialization. Crystal can pro-
vide a utility, RESOURCE.EXE, to program
E
2PROMs through the Control logical device in-
terface.
WINDOWS SOUND SYSTEM CODEC
The WSS Codec software interface consists of 4
I/O locations starting at the Plug and Play ad-
dress ’WSSbase’, and supports 12-bit address
decoding. If the upper address bits, SA12-SA15
are used, they must be 0 to decode a valid ad-
dress. The WSS Codec also requires one
interrupt and one or preferably two DMA chan-
nels, one for playback and one for capture. Since
the WSS Codec and Sound Blaster device are
mutually exclusive, the two devices share the
same interrupt and DMA playback channel.
The WSS Codec/Mixer is register compatible
with the Microsoft Windows Sound System.
Functions include stereo Analog-to-Digital and
Digital-to-Analog converters (ADCs and DACs),
analog mixing, anti-aliasing and reconstruction
filters, line and microphone level inputs, optional
A-Law/
µ-Law coding, simultaneous capture and
playback (at independent sample frequencies)
and a parallel bus interface. Five analog inputs
are provided and four can be mixed to the ADC
mixer. All five can be mixed with the output of
the DAC with full volume control. Several data
modes are supported including 8- and 16-bit lin-
ear as well as 8-bit companded, 4-bit ADPCM
compressed, and 16-bit big Endian.
Enhanced Functions (MODEs)
The initial state is labeled MODE 1 and forces
the part to appear as a CS4248. The more popu-
lar second mode, MODE 2, forces the part to
appear as a CS4231 super set and is compatible
with the CS4232. To switch from MODE 1 to
MODE 2, the CMS1,0 bits, in the MODE and
ID register (I12), should be set to 10 respec-
tively. When MODE 2 is selected, the bit IA4 in
the Index Address register (R0) will be decoded
as a valid index pointer providing 16 additional
registers and increased functionality over the
CS4248.
To reverse the procedure, set the CMS1,0 bits to
00 and the part will resume operation in
DS213PP4
CS4237B
26


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com