Electronic Components Datasheet Search |
|
CS4237B Datasheet(PDF) 23 Page - Cirrus Logic |
|
CS4237B Datasheet(HTML) 23 Page - Cirrus Logic |
23 / 114 page HW Config. Byte 8: Global Configuration Bits, Default = 00000000 D7 D6 D5 D4 D3 D2 D1 D0 IFM VCF1 VCF0 SLAD WTEN SPS res res res Must be set to zero to allow compat- ibility with future upgrades. SPS DSP Serial Port Switch. When set, switches the DSP serial port pins from the second joystick to the XD4-XD1 pins. Then, when SPE in I16 is set, the XD4-XD1 pins convert to the DSP serial port pins. Once this bit is enabled, the SD bus will not be driven when accesses occur to peripheral port devices. This func- tion is also available in C8. WTEN WaveTable Serial Port Enable. When set, forces XD7-XD5 pins to convert to the CS9236 Single-Chip Wave- table Music Synthesizer serial port pins. Once this bit is enabled, the SD bus will not be driven when ac- cesses occur to peripheral port devices. This function is also avail- able in C8. SLAD Soundblaster Alternate Line Disable. When clear, Sound Blaster (SB) Synthesizer Volume changes affect the LINE Alternate (X0/X1) volume. When set, SB Synthesizer Volume changes do not affect X0/X1 regis- ters. VCF1,0 Hardware Volume Control Format. These bits control the format of the hardware volume control pins UP, DOWN, and MUTE. The volume con- trol is enabled by setting VCEN in the previous Hardware Configuration byte. 00 - MUTE is a toggle switch. When MUTE is low, the volume is muted. 01 - MUTE is a momentary switch. MUTE toggles between mute and un-mute. Pressing the up or down switch always un-mutes. 10 - MUTE is not used. Two button volume control. Pressing the up and down buttons simultaneously causes the volume to mute. Pressing up or down un-mutes. 11 - UP pin is not used. The MUTE pin functions as the Up function. With this exception, this mode functions similarly to the pervious two-button mode. This mode provides backwards compatibility with the CS4236. IFM Internal FM. When set, the internal FM synthesizer is enabled. When clear, FM must be provided on the external LINE analog inputs. HW Config. Byte 9: Code Base Byte, Default = 00001011 D7 D6 D5 D4 D3 D2 D1 D0 CB7 CB6 CB5 CB4 CB3 CB2 CB1 CB0 CB7-CB0 Code Base Byte. Determines the code base located in the E 2PROM. If not correct, the Firmware code after the PnP resource data is not loaded. 0x0B - CS4237B 0x43 - CS4236 The next 7 bytes are reserved for future expan- sion and must be set to their default values as listed in Table 2 The next byte of hardware configuration data is byte 17 in Table 2. This byte determines the function of the XCTL0/XA2 pin. The default of 0, forces the pin to the control function XCTL0, and the external peripheral port supports only 4 I/O locations through XA0-XA1. If this byte is set to 08h, the pin switches to the XA2 function and the peripheral port supports 8 I/O locations through XA2-XA0. The next byte, listed as byte 18, is reserved for future expansion and must be set to 0x48. DS213PP4 CS4237B 23 |
Similar Part No. - CS4237B |
|
Similar Description - CS4237B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |