Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic CS4237B Datasheet HTML 19Page - Cirrus Logic CS4237B Datasheet HTML 20Page - Cirrus Logic CS4237B Datasheet HTML 21Page - Cirrus Logic CS4237B Datasheet HTML 22Page - Cirrus Logic CS4237B Datasheet HTML 23Page - Cirrus Logic CS4237B Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
NOTE: To enable the PnP/Crystal Keys after
they have been disabled by the SLAM
method, bring the RESDRV pin to a logic
high or remove power from the device.
The following illustrates typical data sent using
the SLAM method.
006h, 001h
; CSN=1
015h, 000h
; LOGICAL DEVICE 0
047h, 005h, 034h ; WSSbase = 0x534
048h, 003h, 088h ; SYNbase = 0x388
042h, 002h, 020h ; SBbase = 0x220
022h, 005h
; WSS & SB IRQ = 5
02Ah, 001h
; WSS & SB DMA0 = 1
025h, 003h
; WSS capture DMA1 = 3
033h, 001h
; activate logical device 0
015h, 001h
; LOGICAL DEVICE 1
047h, 002h, 000h ; GAMEbase = 0x200
033h, 001h
; activate logical device 1
015h, 002h
; LOGICAL DEVICE 2
047h, 001h, 020h ; CTRLbase = 0x120
033h, 001h
; activate logical device 2
015h, 003h
; LOGICAL DEVICE 3
047h, 003h, 030h ; MPUbase=0x330
022h, 009h
; MPU IRQ = 9
033h, 001h
; activate logical device 3
079h
; activate Crystal device
If all the above data is sent, after the Crystal key,
all devices except the CDROM and Modem will
respond to the appropriate resources given.
Hardware Configuration Data
The Hardware Configuration data contains map-
ping information that links interrupt and DMA
pins with actual interrupt numbers used by PnP
and SLAM procedures. This data also controls
the XCTL0/XA2 pin functionality. The Hard-
ware Configuration data precedes the PnP
Resource data.
The Hardware Configuration data is either 19 or
23 bytes long and contains the data necessary to
configure the part. If an E
2PROM is not used
(Hostload), the first four bytes are not needed,
which means the configuration data is only 19
bytes long. The configuration data maps the
many functions of the logical devices to the
physical pins of the chip. Table 2 lists the Hard-
ware Configuration bytes. The detailed bit
descriptions for each byte follows below.
HW Config. Byte 5: ACDbase Address Length
Mask, Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
res
CM2
CM1
CM0
CM2-CM0
Address bit masks for the Alternate
CDROM address decode, ACDbase.
See the
CDROM Interface section
for more details on ACDbase
000 - ACDCS low for 1 byte
001 - ACDCS low for 2 bytes
011 - ACDCS low for 4 bytes
111 - ACDCS low for 8 bytes
xxx - all others, RESERVED
DS213PP4
CS4237B
20


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com