Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic CS4237B Datasheet HTML 19Page - Cirrus Logic CS4237B Datasheet HTML 20Page - Cirrus Logic CS4237B Datasheet HTML 21Page - Cirrus Logic CS4237B Datasheet HTML 22Page - Cirrus Logic CS4237B Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
The Crystal key places the part in the configura-
tion mode. Once the Crystal key has been
initiated, new PnP resource data can be down-
loaded by a hostload sequence, or an alternate
method of programming the configuration regis-
ters may be used. This alternate method is
referred to as the "SLAM" method. The SLAM
method allows the user to directly access the
configuration registers, configure, and activate
the chip, and then, optionally, disable the PnP
and/or Crystal key feature. The SLAM method
uses commands that are similar to the PnP com-
mands; however, they are different since the user
has direct access to the configuration registers.
To use the SLAM method, see the Bypassing
PnP section.
The following 32 bytes, in hex, are the Crystal
key:
96, 35, 9A, CD, E6, F3, 79, BC,
5E, AF, 57, 2B, 15, 8A, C5, E2
F1, F8, 7C, 3E, 9F, 4F, 27, 13,
09, 84, 42, A1, D0, 68, 34, 1A
Bypassing Plug and Play
The SLAM method allows the user to bypass the
Plug and Play features and, as an option, allows
the part to act like a non-Plug and Play or legacy
device; however, the SLAM method only sup-
ports one Crystal IC per system. The user
directly programs the resources into the part, and
then optionally disables the PnP and/or the Crys-
tal Key, which forces the part to disregard any
future PnP or Crystal initiation key sequences
(All activated logical devices appear as legacy
devices to PnP). The Crystal and PnP keys can
also be disabled through the E
2PROM.
To use the SLAM method, the following se-
quence must be followed:
1. Host sends 32-byte Crystal key to I/O
0279h, chip enters configuration mode.
2. Host programs CSN (Card Select Number)
by writing a 06h and 00h to I/O 0279h.
3. Host programs the configuration registers of
each logical device by writing to I/O 0279h.
The following data is the maximum amount
of information per device. All current devices
only need a subset of this data:
Logical Device ID (15h, xxh)
xxh is logical device number: 0-5
I/O Port Base Address 0 (47h, xxh, xxh)
high byte , low byte
I/O Port Base Address 1 (48h, xxh, xxh)
high byte , low byte
I/O Port Base Address 2 (42h, xxh, xxh)
high byte , low byte
Interrupt Select 0 (22h, xxh)
Interrupt Select 1 (27h, xxh)
DMA Select 0 (2Ah, xxh)
DMA Select 1 (25h, xxh)
Activate Device (33h, 01h)
(33h, 00h deactivates a device)
4. Repeat #3 for each logical device to be en-
abled. (Not all devices need be enabled.)
5. Host activates chip by writing a 79h to 279h.
6. (Optional) Host disables PnP Key by writing
a 55h to CTRLbase+5. The part will not par-
ticipate in any future PnP cycles. The Crystal
Key can also be disabled by writing a 56h to
CTRLbase+5.
DS213PP4
CS4237B
19


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com