Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 14Page - Cirrus Logic CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic CS4237B Datasheet HTML 19Page - Cirrus Logic CS4237B Datasheet HTML 20Page - Cirrus Logic CS4237B Datasheet HTML 21Page - Cirrus Logic CS4237B Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 114 page
background image
sor. The RAM allows updates to the core proces-
sor functionality.
Placing the firmware patches
in E
2PROM, gives the maximum functionality at
power-up without the need for a software driver.
The firmware patch data is typically included at
the end of the PnP resource data. Crystal pro-
vides a utility that will read in patch data from a
file, and append it to the PnP resource data. The
patch file must be obtained from Crystal.
The Crystal Key
NOTE: The Crystal Key cannot differentiate be-
tween multiple Crystal Codecs in a system;
therefore, ONLY ONE Crystal part is allowed in
systems using the Crystal Key. To allow multiple
parts in a system, the Plug-and-Play isolation se-
quence must be used since it supports multiple
parts via the serial identifier used in the isolation
sequence.
Physical Device
Logical Device
Best Choice
Acceptable
Choice 1
Sub optimal
Choice 1
Sub optimal
Choice 2
WSS
0
ANSI ID = WSS/SB
16-bit address
decode
WSSbase
Length/Alignment
534h-534h
4/4
534-608h
4/D4h
534-FFCh
4/4
high true
edge sensitive
IRQ
5
(SB share)
5,7,9,11,12,15
(SB share)
5, 7, 9, 11, 12, 15
(SB share)
8-bit, count by
byte, type A
DMA
1
(SB share)
0, 3
(SB share)
0, 1, 3
(SB share)
same
DMA
0, 3
0, 1, 3
----
Synthesis
0
16-bit address
decode
SYNbase
Length/Alignment
388h
4/8
388h
4/8
388-3F8h
4/8
IRQ
----
----
----
SB Pro
0
16-bit address
decode
SBbase
Length/Alignment
220h
16/16
220-260h
16/32
220-300h
16/32
Game Port
1
ANSI ID = GAME
16-bit address
decode
GAMEbase
Length/Alignment
200h
8/8
208h
8/8
Control
2
ANSI ID = CTRL
16-bit address
decode
CTRLbase
Length/Alignment
120-3F8h
8/8
IRQ
----
MPU401
3
ANSI ID = MPU
16-bit address
decode
MPUbase
Length/Alignment
330h
2/8
330-360h
2/8
330-3E0h
2/8
IRQ
9
9,11,12,15
----
---- Feature not supported in the listed configuration, but is supported through customization.
Table 1. Typical Motherboard Plug-and-Play Resource Data
DS213PP4
CS4237B
18


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com