Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 13Page - Cirrus Logic CS4237B Datasheet HTML 14Page - Cirrus Logic CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic CS4237B Datasheet HTML 19Page - Cirrus Logic CS4237B Datasheet HTML 20Page - Cirrus Logic CS4237B Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
The next 3 bytes are the PnP version number.
The default is version 1.0a: 0Ah, 10h, 01h.
The next sequence of bytes are the ANSI identi-
fier string. The default is: 82h, 0Eh, 00h,
’Crystal Codec’, 00h.
The logical device data must be entered using
the PnP ISA Specification format. Typical logical
device values are found in Table 1. Th e
E
2PROM version for this data is found in Ap-
pendix A.
Loading Resource Data
A serial E
2PROM interface allows user-program-
mable serial number and resource data to be
stored in an external E
2PROM. The interface is
compatible with devices from a number of ven-
dors and the size may vary according to specific
customer requirements. The maximum size for
resource data supported by the part’s internal
RAM is 384 bytes of combined Hardware Con-
figuration and PnP resource data. With the
addition of the 4-byte header, the maximum
amount of E
2PROM space used would be 388
bytes. However, the part also supports firmware
upgrades via the E
2PROM. The maximum size
E
2PROM supported is 2k bytes. After power-up,
the existence of an E
2PROM is checked by read-
ing the first two bytes from the E
2PROM
interface. If the data from the E
2PROM port
reads 55h and BBh, then the rest of the
E
2PROM data is loaded into the internal RAM.
If the first two bytes aren’t correct, the E
2PROM
is assumed not to exist and a "hostload" proce-
dure must be used to load the internal RAM. The
Hostload procedure can be found in the Hostload
section. For motherboard designs, an E
2PROM
should still be included, to allow faster integrat-
ing of resource and firmware patch data. This
allows updates without respiring BIOS code. If
the part is installed on a plug-in card, then an
external E
2PROM is required to ensure that the
proper PnP resource data is loaded into the inter-
nal RAM prior to a PnP sequence. See the
External E
2PROM section for more information
on the serial E
2PROM interface and E2PROM
programming.
The format for the data stored in the E
2PROM is
as follows:
(Hardware Configuration Data:)
2 bytes E
2PROM validation: 55h, BBh
2 bytes length of resource data in E
2PROM
19 bytes Hardware Configuration
(Plug and Play Resource Data:)
9 bytes Plug and Play ID
3 bytes Plug and Play version number
Variable number of bytes of user defined
ASCII ID string
Logical Device 0 (Windows Sound System,
FM Synthesizer, Sound Blaster Pro) data
Logical Device 1 ( Game Port) data
Logical Device 2 ( Control) data
Logical Device 3 ( MPU-401) data
Logical Device 4 ( CD-ROM) data
Logical Device 5 (Modem) data
End of Resource byte & checksum byte
Firmware patch code.
A typical E
2PROM data load, in assembly for-
mat, can be found in Appendix A.
Loading Firmware Patch Data
An external E
2PROM is read during the power-
up sequence that stores Hardware Configuration
and PnP data, and firmware patch data. The part
contains RAM and ROM to run the core proces-
DS213PP4
CS4237B
17


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com