Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 12Page - Cirrus Logic CS4237B Datasheet HTML 13Page - Cirrus Logic CS4237B Datasheet HTML 14Page - Cirrus Logic CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic CS4237B Datasheet HTML 19Page - Cirrus Logic CS4237B Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
3. A unique identifier (handle) is assigned to the
part and the resource data is read.
4. After all cards’ resource requirements are de-
termined, the host uses the handle to assign
conflict-free resources
5. After the configuration registers have been
programmed, each configured logical device
is activated.
6. The part is then removed from Plug-and-Play
mode.
Upon power-up, the chip is inactive and must be
enabled via software. The Crystal part monitors
writes to the PnP Auto-Configuration Address
port (0279h). If the host sends a PnP initiation
key, consisting of a series of 32 predefined byte
writes, the hardware will detect the key and
place the part into the Plug-and-Play (PnP)
mode. Another method to program the part is to
use a special Crystal initiation key which func-
tions like the PnP initiation key, but can be
invoked by the user at any time. However, the
Crystal Key only supports one Crystal part per
system. The Crystal key and special commands
are detailed in the Crystal Key and Bypassing
PnP sections.
The isolation sequence uses a unique 72-bit se-
rial identifier. The host performs 72 pairs of I/O
read accesses to the Read Data port. The identi-
fier determines what data is put on the data bus
in response to those read accesses. When the iso-
lation sequence is complete, the CM assigns a
Card Select Number (CSN) to the part. This
number distinguishes the Crystal part from the
other PnP devices in the system. The Configura-
tion Manager (CM) then reads the resource data
from the Crystal part. The 72-bit identifier and
the resource data is either stored in an external
user-programmable E
2PROM, or loaded via a
"hostload" procedure from BIOS before PnP
software is initiated.
The CM determines the necessary resource re-
quirements for the system and then programs the
part through the configuration registers. The con-
figuration register data is written one logical
device at a time. After all logical devices have
been configured, CM activates each device indi-
vidually. Each logical device is now available on
the ISA bus and responds to the programmed
address range, DMA channels, and interrupts that
have been allocated to that logical device.
PnP Data
Hardware Configuration and Plug-and-Play re-
source data must be loaded into the part’s RAM.
The data may be stored in an external E
2PROM
or may be downloaded from the host.
To load the data, refer to the Loading Resource
Data section. The following is the Plug-and-Play
resource data:
The first nine bytes of the PnP resource data are
the Plug-and-Play ID, which uniquely identifies
the Crystal part from other PnP devices. The
Crystal default is broken down as follows:
0Eh, 63h - Crystal ID - ’CSC’ in compressed
ASCII. (See the PnP Spec for more
information)
42h - Oem ID. A unique Oem ID must be ob-
tained from Crystal for each unique
Crystal product used.
37h - Crystal product ID for the CS4237B
FFh, FFh, FFh, FFh - Serial number. This can
be modified by each OEM to uniquely
identify their card.
??h - Checksum.
Of the 9-byte serial number listed above, Crystal
software uses the first two bytes to indicate the
presence of a Crystal part, and the fourth byte,
0x37, to indicate the CS4237B; therefore, these
three bytes must not be altered.
DS213PP4
CS4237B
16


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com