Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 11Page - Cirrus Logic CS4237B Datasheet HTML 12Page - Cirrus Logic CS4237B Datasheet HTML 13Page - Cirrus Logic CS4237B Datasheet HTML 14Page - Cirrus Logic CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic CS4237B Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
INTERRUPTS
For Plug-and-Play flexibility, six interrupt pins
are supported, although only one or two are typi-
cally used. The default hardware connections,
which can be modified through the hardware
configuration data, are:
IRQ A = ISA Interrupt 5
IRQ B = ISA Interrupt 7
IRQ C = ISA Interrupt 9
IRQ D = ISA Interrupt 11
IRQ E = ISA Interrupt 12
IRQ F = ISA Interrupt 15
The typical configuration would support two in-
terrupt sources: one shared between the WSS
Codec and the Sound Blaster Pro compatible de-
vices, and the other for the MPU401 device.
Interrupts are also supported for the Synthesizer,
Control, CDROM devices, but are typically not
used. If the modem logical device (LD5) is used,
it would typically support an interrupt.
PLUG AND PLAY
The Plug-and-Play (PnP) interface logic is com-
patible with the Intel/Microsoft Plug-and-Play
specification, version 1.0a, for an ISA-bus de-
vice. Since the part is an ISA-bus device, it only
supports ISA-compatible IRQs and DMA chan-
nels. Plug and Play compatibility allows the PC
to automatically configure the part into the sys-
tem upon power up. Plug and Play capability
optimally resolves conflicts between Plug and
Play and non-Plug and Play devices within the
system. Alternatively, the PnP feature can be by-
passed. See the Bypassing PnP section for more
information. For a detailed Plug-and-Play proto-
col description, please refer to the Plug and Play
ISA Specification.
To support Plug-and-Play in ISA systems that do
not have a PnP BIOS or a PnP-aware operating
system, the Configuration Manager (CM) TSR
and an ISA Configuration Utility (ICU) from In-
tel Corp. are used to provide these functions.
The CM isolates the cards, assigns Card Select
Numbers, reads PnP card resource requirements,
and allocates resources to the cards based on
system resource availability. The ICU is used to
keep the BIOS and the CM informed of the cur-
rent system configuration. It also aids users in
determining configurations for non-PnP ISA
cards. A more thorough discussion of the Con-
figuration Manager and the ISA Configuration
Utility can be found in the Product Development
Information document of the Plug and Play Kit
by Intel Corp. In a PnP BIOS system, the BIOS
is responsible for configuring at least all system
board PnP devices. Some systems require addi-
tional software to aid the BIOS in configuring
PnP ISA cards. The PnP BIOS can execute all
PnP functions independently of the type of oper-
ating system. However, if a PnP aware operating
system is present, the PnP responsibilities are
shared between the BIOS and the operating sys-
tem. For more information regarding PnP BIOS,
please refer to the latest revision of the Plug and
Play BIOS Specification published by Compaq
Computer, Phoenix Technologies, and Intel.
The Plug and Play configuration sequence maps
the various functional blocks of the part (logical
devices) into the host system address space and
configures both the DMA and interrupt channels.
The host has access to the part via three 8-bit
auto-configuration ports: Address port (0279h),
Write Data port (0A79h), and relocatable Read
Data port (020Bh - 03FFh). The read data port is
relocated automatically by PnP software when a
conflict occurs.
The configuration sequence is as follows:
1. Host sends a software key which places all
PnP cards in the sleep state (or Plug-and-
Play mode).
2. The Crystal part is isolated from the system
using an isolation sequence.
DS213PP4
CS4237B
15


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com