Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 10Page - Cirrus Logic CS4237B Datasheet HTML 11Page - Cirrus Logic CS4237B Datasheet HTML 12Page - Cirrus Logic CS4237B Datasheet HTML 13Page - Cirrus Logic CS4237B Datasheet HTML 14Page - Cirrus Logic CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 114 page
background image
I/O ADDRESS DECODING
The logical devices use 10-bit or 12-bit address
decoding. The Synthesizer, Sound Blaster, Game
Port, MPU-401, CDROM, and Modem devices
support 10-bit address decoding, while the Win-
dows Sound System and Control devices support
12-bit address decoding. Devices that support
10-bit address decoding, require A10 and A11 be
zero for proper decode; therefore, no aliasing oc-
curs through the 12-bit address space.
To prevent aliasing into the upper address space,
a "16-bit decode" option may be used, where the
upper address bits SA12 through SA15 are con-
nected to the part. SA12-SA15 are then decoded
to be 0,0,0,0 for all logical device address de-
coding. When the upper address bits are used,
the CDROM and Modem interfaces are no
longer available since the upper address pins are
multiplexed with the CDROM and Modem inter-
faces (See Reset and Power Down section). If
the CDROM or Modem is needed, the circuit
shown in Figure 2 can replace the SA12 through
SA15 pins and provide the same functionality.
Four cascaded OR gates, using a 74ALS32, can
replace the ALS138 in Figure 2, but causes a
greater delay in address decoding.
DMA CYCLES
The part supports up to three 8-bit ISA-compat-
ible DMA channels. The default hardware
connections, which can be changed through the
hardware configuration data, are:
DMA A = ISA DMA channel 0
DMA B = ISA DMA channel 1
DMA C = ISA DMA channel 3
The typical configuration would require two
DMA channels. One for the WSS Codec and
Sound Blaster playback, and the other for WSS
Codec capture (to support full-duplex). The
CDROM, if used, can also support a DMA chan-
nel, although this is not typical.
DMA cycles are distinguished from control reg-
ister cycles by the generation of a DRQ (DMA
Request). The host acknowledges the request by
generating a DACK (DMA Acknowledge) sig-
nal. The transfer of audio data occurs during the
DACK cycle. During the DACK cycle the ad-
dress lines are ignored.
The digital audio data interface uses DMA re-
quest/grant pins to transfer the digital audio data
between the part and the ISA bus. Upon receipt
of a DMA request, the host processor responds
with an acknowledge signal and a command
strobe which transfers data to and from the part,
eight bits at a time. The request pin stays active
until the appropriate number of 8-bit cycles have
occurred. The number of 8-bit transfers will vary
depending on the digital audio data format, bit
resolution, and operation mode.
The DMA request signal can be asserted at any
time. Once asserted, the DMA request will re-
main asserted until a complete DMA cycle
occurs. A complete DMA cycle consists of one
or more bytes depending on which device inter-
nal to the part is generating the request.
SA12
SA13
SA14
SA15
AEN
+5V
1
4
C
B
A
3
2
15
G1
6
G2B
G2A
5
Y0
Y6
Y5
Y4
Y3
Y2
Y1
Y7
74ALS138
AEN
ISA Bus
Figure 2. 16-bit Decode Circuit
DS213PP4
CS4237B
14


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com