Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 9Page - Cirrus Logic CS4237B Datasheet HTML 10Page - Cirrus Logic CS4237B Datasheet HTML 11Page - Cirrus Logic CS4237B Datasheet HTML 12Page - Cirrus Logic CS4237B Datasheet HTML 13Page - Cirrus Logic CS4237B Datasheet HTML 14Page - Cirrus Logic CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic CS4237B Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Logical Device 5 supports a modem connected
to the peripheral port. This interface, on the ex-
ternal peripheral port, supports modems with 2
to 256 I/O locations (only SA2-SA0 are buffered
through the part) and supports a base address
and an interrupt. Although this logical device is
listed as a modem, any external device that fits
within the resources listed above may be substi-
tuted.
ISA Bus Interface
The 8-bit parallel I/O and 8-bit parallel DMA
ports provide an interface which is compatible
with the Industry Standard Architecture (ISA)
bus. The ISA Interface enables the host to com-
municate with the various functional blocks
within the part via two types of accesses: Pro-
grammed I/O (PIO) access, and DMA access.
A number of configuration registers must be pro-
grammed prior to any accesses by the host
computer. The configuration registers are pro-
grammed via a Plug-and-Play configuration
sequence or via configuration software provided
by Crystal Semiconductor.
I/O CYCLES
Every device that is enabled, requires I/O space.
An I/O cycle begins when the part decodes a
valid address on the bus while the DMA ac-
knowledge signals are inactive and AEN is low.
The IOR and IOW signals determine the direc-
tion of the data transfer. For read cycles, the part
will drive data on the SD<7:0> lines while the
host asserts the IOR strobe. Write cycles require
the host to assert data on the SD<7:0> lines and
strobe the IOW signal. Data is latched on the ris-
ing edge of the IOW strobe.
PnP ISA Bus
Interface
WSS Codec:
I/O: WSSbase
2 DMA Chan.
1 Interrupt
SBPro:
I/O: SBbase
(DMA shared)
(Interrupt shared)
Synthesis:
I/O: SYNbase
[1 Interrupt]
Game Port:
I/O: GAMEbase
Control:
I/O: CTRLbase
[1 Interrupt]
MPU-401:
I/O: MPUbase
1 Interrupt
CDROM:
I/O:
CDbase
ACDbase
[1 Interrupt]
[1 DMA Chan.]
Logical Device 0
Logical Device 1
Logical Device 3
Modem:
I/O: COMbase
[1 Interrupt]
Logical Device 4
Logical Device 5
Logical Device 2
Figure 1. Logical Devices
DS213PP4
CS4237B
13


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com