Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 8Page - Cirrus Logic CS4237B Datasheet HTML 9Page - Cirrus Logic CS4237B Datasheet HTML 10Page - Cirrus Logic CS4237B Datasheet HTML 11Page - Cirrus Logic CS4237B Datasheet HTML 12Page - Cirrus Logic CS4237B Datasheet HTML 13Page - Cirrus Logic CS4237B Datasheet HTML 14Page - Cirrus Logic CS4237B Datasheet HTML 15Page - Cirrus Logic CS4237B Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
GENERAL DESCRIPTION
This device is comprised of six physical devices
along with Plug-and-Play support for two addi-
tional external devices. The internal devices are:
Windows Sound System Codec
Sound Blaster Pro Compatible Interface
Game Port (Joystick)
Control
MPU-401
FM Synthesizer
The two external devices are:
IDE CDROM
Modem
A full ISA interface with Plug and Play compati-
bility and an External Peripheral Port for
interfacing to external devices (i.e. Wave-Table
Synthesizer, CDROM, and Modem) is included.
Since the Wave-Table Synthesizer and CDROM
analog inputs are external, mapping as shown in
Figure 5, on page 58, must be used to maintain
Sound Blaster compatibility, i.e. CDROM analog
must be connected to the AUX2 analog inputs of
the mixer.
On power up, this part requires a RESDRV sig-
nal to initialize the internal configuration. When
initially powered up, the part is isolated from the
bus, and each device supported by the part must
be activated via software. Once activated, each
device responds to the resources given (Address,
IRQ, and DMA channels). The eight devices
listed above are grouped into six logical devices,
as shown in Figure 1 (bracketed features are sup-
ported, but typically not used). The six logical
devices are:
LOGICAL DEVICE 0:
Windows Sound System Codec (WSS Codec)
Adlib/Sound Blaster-compatible Synthesizer
Sound Blaster Pro Compatible Interface
LOGICAL DEVICE 1: Game Port
LOGICAL DEVICE 2: Control
LOGICAL DEVICE 3: MPU401
LOGICAL DEVICE 4: CDROM
LOGICAL DEVICE 5: Modem
Logical Device 0 consists of three physical de-
vices. The WSS Codec and the Synthesizer are
grouped together since the original Windows
Sound System board expected an FM synthesizer
if the codec was present. The Sound Blaster Pro
Compatible interface, SBPro, is also grouped to
allow the WSS Codec and the SBPro to share
Interrupts and DMA channels. The Synthesizer
device could be the internal FM synthesizer, or a
synthesizer externally located on the Peripheral
Port. The external synthesizer interface supports
both FM and wavetable synthesizers such as the
CS9233. The WSS Codec, FM synthesizer, and
the SBPro compatible devices are internal to the
part.
Logical Device 1 is the Game Port that supports
up to two joystick devices.
Logical Device 2 is the Control device that sup-
ports global features of the part. This device uses
I/O locations to control power management,
joystick rate, and PnP resource data loading.
Logical Device 3 is the MPU-401 interface. The
MPU-401 MIDI interface includes a 16-byte
FIFO for data transmitted out the MIDOUT pin
and a 16-byte FIFO for data received from the
MIDIN pin.
Logical Device 4 supports an IDE CDROM con-
nected to the peripheral port. This interface, on
the external peripheral port, can support
CDROMs with up to 8 I/O locations and sup-
ports both the base address and the alternate base
address, an interrupt, and a DMA channel. Al-
though this logical device is listed as a CDROM,
any external device that fits within the resources
listed above may be substituted.
DS213PP4
CS4237B
12


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com