Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 98 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 98 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 94Page - Cirrus Logic CS4237B Datasheet HTML 95Page - Cirrus Logic CS4237B Datasheet HTML 96Page - Cirrus Logic CS4237B Datasheet HTML 97Page - Cirrus Logic CS4237B Datasheet HTML 98Page - Cirrus Logic CS4237B Datasheet HTML 99Page - Cirrus Logic CS4237B Datasheet HTML 100Page - Cirrus Logic CS4237B Datasheet HTML 101Page - Cirrus Logic CS4237B Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 114 page
background image
ISA Bus Interface Pins
SA<11:0> - System Address Bus, Inputs
These signals are decoded during I/O cycles to determine access to the various functional
blocks within the part as defined by the configuration data written during a Plug and Play
configuration sequence.
SA<15:12> - Upper System Address Bus, Inputs
These signals are multi-function pins, shared with the CDROM and modem interface, that
default to the upper address bits SA12 through SA15. These pins are generally used for
motherboard designs that want to eliminate address decode aliasing. Using these pins as upper
address bits forces the part to only accept valid address decodes when A12-A15 = 0. If these
pins are not used for address decodes (or for CDROM support), they should be tied to SGND.
SD<7:0> - System Data Bus, Bi-directional, 24mA drive
These signals are used to transfer data to and from the part and associated peripheral devices.
Reads from peripheral devices can be disabled (the part does not drive the SD<7:0> pins) by
setting the SDD bit in the Hardware Configuration data. Reads from peripheral devices are
automatically disabled whenever the XD pins are used as serial port pins (SPS/SPE or WTEN
set to one).
AEN - Address Enable, Input
This signal indicates whether the current bus cycle is an I/O cycle or a DMA cycle. This signal
is low during an I/O cycle and high during a DMA cycle.
IOR - Read Command Strobe, Input
This active low signal defines a read cycle to the part. The cycle may be a register read or a
read from the part’s DMA registers.
IOW - Write Command Strobe, Input
This active low signal indicates a write cycle to the part. The cycle may be a write to a control
register or a DMA register.
IOCHRDY - I/O Channel Ready, Open Drain Output, 8mA drive
This signal is driven low by the part during ISA bus cycles in which the part is not able to
respond within a minimum cycle time. IOCHRDY is forced low to extend the current bus
cycle. The bus cycle is extended until IOCHRDY is brought high.
DRQ<A,B,C> - DMA Requests, Outputs, 24mA drive
These active high outputs are generated when the part is requesting a DMA transfer.
This
signal remains high until all the bytes have been transferred as defined by the current transfer
data type. The DRQ<A,B,C> outputs must be connected to 8-bit DMA channel request signals
only. The defaults on the ISA bus are DRQA = DRQ0, DRQB = DRQ1, and DRQC = DRQ3.
The defaults can be changed by modifying the Hardware Resource data. Note that DRQA is a
5 Volt-only pin. When the ISA bus is run at 3.3 Volts, DRQA can either be used with the proper
level translator, or DRQA can be left unconnected and not used.
DS213PP4
CS4237B
98


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com