Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 89Page - Cirrus Logic CS4237B Datasheet HTML 90Page - Cirrus Logic CS4237B Datasheet HTML 91Page - Cirrus Logic CS4237B Datasheet HTML 92Page - Cirrus Logic CS4237B Datasheet HTML 93Page - Cirrus Logic CS4237B Datasheet HTML 94Page - Cirrus Logic CS4237B Datasheet HTML 95Page - Cirrus Logic CS4237B Datasheet HTML 96Page - Cirrus Logic CS4237B Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
interface due to transient currents during bus
switching. SGND1-4 are the substrate grounds
and should also be connected to the digital
ground plane to minimize coupling into the ana-
log section. Figure 33 shows the recommended
positioning of the decoupling capacitors. The ca-
pacitors must be on the same layer as, and close
to, the part. The vias shown go through to the
ground and power plane layers. Vias, power sup-
ply traces, and REFFLT traces should be as large
as possible to minimize the impedance.
POWER SUPPLIES
The power supply providing analog power
should be as clean as possible to minimize cou-
pling into the analog section and degrading
analog performance.
The VD1 is isolated from the rest of the power
supply pins and provide digital power for the
asynchronous parallel ISA bus (except for
DRQA). The VD1 pin can be connected directly
to the system digital power supply. VD1 can also
be connected to a 3.3V supply providing a 3.3V
ISA interface. When connected to a 3.3V supply,
all ISA bus input pins (SA15-0, SD7-0, DACKs,
etc.) must be at 3.3V levels (not 5V), with the
exception of the DRQA pin. DRQA is internally
connected to the VDF supplies and remains a
5 Volt pin even when the ISA bus is run at
3.3 Volts. When the ISA bus is powered from
3.3 Volts, DRQA can be be used through a level
translator, or DRQA can remain used. If DRQA
is not used, all references to this pin should be
removed in the PnP Resource data. Even though
the ISA bus is at 3.3V, the peripheral port is still
at a 5V potential including XD7-0 and all chip
select and address pins.
VDF1 through VDF4 provide power to internal
digital sections of the codec and should be qui-
eter than VD1. This can be achieved by using a
1
Digital
Ground
Analog
Ground
Crystal
Part
Power
Connector
Digital Ground Noise
Di
gita
l G
rou
nd
No
ise
Di
git
al
Gr
ou
nd
No
ise
Figure 31. Suggested Motherboard Layout
DS213PP4
CS4237B
93


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com