Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 92 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 88Page - Cirrus Logic CS4237B Datasheet HTML 89Page - Cirrus Logic CS4237B Datasheet HTML 90Page - Cirrus Logic CS4237B Datasheet HTML 91Page - Cirrus Logic CS4237B Datasheet HTML 92Page - Cirrus Logic CS4237B Datasheet HTML 93Page - Cirrus Logic CS4237B Datasheet HTML 94Page - Cirrus Logic CS4237B Datasheet HTML 95Page - Cirrus Logic CS4237B Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 114 page
background image
Line Level Outputs
The analog output section provides a stereo line-
level output. The other output types (headphone
and speaker) can be implemented with external
circuitry. LOUT and ROUT outputs should be
capacitively coupled to external circuitry. Both
LOUT and ROUT need 1000 pF NPO capacitors
between the pin and AGND.
Mono Output with Mute Control
The mono output, MOUT, is a sum of the left
and right output channels, attenuated by 6dB to
prevent clipping at full scale. The mono out
channel can be used to drive the PC-internal
mono speaker using an appropriate drive circuit.
This approach allows the traditional PC-sounds
to be integrated with the rest of the audio sys-
tem. Figure 30 illustrates a typical speaker driver
circuit. The mute control is independent of the
line outputs allowing the mono channel to mute
the speaker without muting the line outputs. The
power-up default has MIN connected to MOUT
providing a pass-through for the beeps heard at
power-up.
Miscellaneous Analog Signals
The LFILT and RFILT pins must have a 1000 pF
NPO capacitor to analog ground. These capaci-
tors, along with an internal resistor, provide a
single-pole low-pass filter used at the inputs to
the ADCs. By placing these filters at the input to
the ADCs, low-pass filters at each analog input
pin are avoided.
The REFFLT pin is used to lower the noise of
the internal voltage reference. A 1
µF (must not
be greater than 1
µF) and 0.1µF capacitor to ana-
log ground should be connected with a short
wide trace to this pin. No other connection
should be made, as any coupling onto this pin
will degrade the analog performance of the
codec. Likewise, digital signals should be kept
away from REFFLT for similar reasons.
The VREF pin is typically 2.2 V and provides a
common mode signal for single-supply external
circuits. VREF only supports light DC loads and
should be buffered if AC loading is needed. For
typical use, a 0.1
µF in parallel with a 10 µF ca-
pacitor should be connected to VREF.
GROUNDING AND LAYOUT
Figure 31 is a suggested layout for motherboard
designs and Figure 32 is a suggested layout for
add-inn cards. For optimum noise performance,
the device should be located across a split ana-
log/digital ground plane. The digital ground
plane should extend across the ISA bus pins as
well as the internal digital interface pins.
DGND1 is ground for the data bus and should
be electrically connected to the digital ground
plane which will minimize the effects of the bus
1
µF +
1
2
7
3
8
5
6
4
16 k
470 pF
0.1
µF
Ferrite Bead
10 k
0.22
µF
MOUT
+5V
RESDRV
MC34119
or LM4861
Figure 30. Mono Output
DS213PP4
CS4237B
92


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com