Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 91 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 87Page - Cirrus Logic CS4237B Datasheet HTML 88Page - Cirrus Logic CS4237B Datasheet HTML 89Page - Cirrus Logic CS4237B Datasheet HTML 90Page - Cirrus Logic CS4237B Datasheet HTML 91Page - Cirrus Logic CS4237B Datasheet HTML 92Page - Cirrus Logic CS4237B Datasheet HTML 93Page - Cirrus Logic CS4237B Datasheet HTML 94Page - Cirrus Logic CS4237B Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
The AUX2 line-level inputs have an extra pin,
CMAUX2, which provides a pseudo-differential
input for both LAUX2 and RAUX2. This pin
takes the common-mode noise out of the AUX2
inputs when connected to the ground coming
from the AUX2 analog source. Connecting the
AUX2 pins as shown in Figure 27 provides extra
noise attenuation coming from the CDROM
drive, thereby producing a higher quality signal.
Since the better the resistors match, the better the
common-mode attenuation, one percent resistors
are recommended. If CMAUX2 is not used, it
should be connected through an AC cap to ana-
log ground.
Microphone Level Inputs
The microphone level inputs, LMIC and RMIC,
include a selectable -22.5 dB to +22.5 dB gain
stage for interfacing to an external microphone.
An additional 20 dB gain block is available in
the path to the output mixer. The 20 dB gain
block can be switched off to provide another ste-
reo line-level input. Figure 28 illustrates a
single-ended microphone input buffer circuit that
will support lower gain mics. If a mono micro-
phone is all that is desired, the RMIC input
should be connected to the output of the mono
op amp, used for LMIC, through its own AC
coupling capacitor. The circuit in Figure 28 sup-
ports dynamic mics and phantom-powered mics
that use the right channel of the jack for power.
Mono Input
The mono input, MIN, is useful for mixing the
output of the "beeper" (timer chip), provided in
all PCs, with the rest of the audio signals. The
attenuation control allows 16 levels in -3dB
steps. In addition, a mute control is provided.
The attenuator is a single channel block with the
resulting signal sent to the output mixer where it
is mixed with the left and right outputs. Fig-
ure 29 illustrates a typical input circuit for the
Mono In. If MIN is driven from a CMOS gate,
the 4.7k
Ω should be tied to AGND instead of
VA+. Although this input is described for a low-
q ual ity be epe r, the in put is o f the same
high-quality as all other analog inputs and may
be used for other purposes. At power-up, the
MIN line is connected directly to the MOUT pin
(with 9 dB of attenuation) allowing the initial
beeps, heard when the computer is initializing, to
pass through.
6.8 k
6.8 k
1.0
µF
1.0
µF
RAUX2
LAUX2
6.8 k
6.8 k
3.4 k
CMAUX2
1.0
µF
3.4 k
(All resistors 1%)
Figure 27. Differential CDROM In
0.1
µF
2.7 nF
NPO
10
µF
+
600
4.7 k
47 k
MC33078 or
MC33178
0.33
µF
VREF
LMIC
1
µF
+
RMIC
0.33
µF
X7R
2 k
47 k
Figure 28. Left or Mono Microphone Input
2.7 nF
47 k
4.7 k
0.1
µF
MIN
1
+5VA (Low Noise) or
AGND - if CMOS Source
Figure 29. Mono Input
DS213PP4
CS4237B
91


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com