Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 86Page - Cirrus Logic CS4237B Datasheet HTML 87Page - Cirrus Logic CS4237B Datasheet HTML 88Page - Cirrus Logic CS4237B Datasheet HTML 89Page - Cirrus Logic CS4237B Datasheet HTML 90Page - Cirrus Logic CS4237B Datasheet HTML 91Page - Cirrus Logic CS4237B Datasheet HTML 92Page - Cirrus Logic CS4237B Datasheet HTML 93Page - Cirrus Logic CS4237B Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
If VCEN is zero, then if ACDbase is ever pro-
grammed to a non-zero value, this pin converts
to the ACDCS pin and keeps this function until
the part is reset (or VCEN is set to one). If
ACDbase is never programmed non-zero, then
the state of XIOW at the time RESDRV is
brought low determines whether the pin is
XCTL1 or SINT. If XIOW is sampled low (ex-
ternal
pu lldown)
then
XCTL1/SINT/
ACDCS/DOWN functions as an input for the
synthesizer interrupt. If XIOW is sampled high
(pin left unconnected) then XCTL1/SINT/
ACDCS/DOWN becomes an output for XCTL1.
This part contains another multiplexed pin,
SCS/UP. This pin provides the FM synthesizer
chip select or the hardware volume control "vol-
u me up " fe at u re . Si nc e a n i nte rnal FM
synthesizer exists, this pin would normally be
used for the volume control feature. Setting
VCEN forces this pin to the UP volume control
function. When VCEN is clear, this pin is the
SCS chip select function.
ANALOG HARDWARE DESCRIPTION
The analog hardware consist of an MPC
Level 2-compatible mixer (four stereo mix
sources), three line-level stereo inputs, a stereo
microphone input, a mono input, a mono output,
and a stereo line output. This section describes
the analog hardware needed to interface with
these pins.
Line-Level Inputs Plus MPC Mixer
The analog inputs consist of four stereo analog
inputs, and one mono input. As shown in Fig-
ure 4, the input to the ADCs comes from the
Input Mixer that selects any combination of the
following: LINE, AUX1, AUX2, MIC, the DAC
output, and the output from the analog output
mixer. Unused analog inputs should be con-
nected together and then connected through a
capacitor to analog ground.
The analog input interface is designed to accom-
modate four stereo inputs and one mono input.
Four of these sources are mixed to the ADC.
These inputs are: a stereo line-level input
(LINE), a stereo microphone input (MIC), a ste-
reo CD-ROM input (AUX2), and a stereo
auxiliary line-level input (AUX1).
The LINE
and AUX1 inputs have two paths to the Input
Mixer. One path is direct with no volume con-
trol. The other path goes through an inverting
amplifier, which enables volume control. Care
should be taken to select only one of these dual
paths, because the inverting path will cancel the
signal of the non-inverting path at the Input
Mixer. The LINE, MIC, AUX1, and AUX2 in-
puts have paths after their volume controls, to
the output mixer. The output mixer has the addi-
tional input of a mono input channel. All audio
inputs should be capacitively coupled.
To obtain Sound Blaster mixer compatibility, the
mapping of external devices to analog inputs is
important. An external FM or Wavetable synthe-
sizer analog output must be connected to the
LINE input. The internal FM’s volume control,
when enabled, maps to the LINE analog mixer
registers. The CDROM analog outputs must be
connected to the AUX2 inputs, and the external
Line Inputs must be connected to the AUX1 ana-
log inputs.
Since some analog inputs can be as large as
2 VRMS, the circuit shown in Figure 26 can be
used to attenuate the analog input to 1 VRMS
which is the maximum voltage allowed for the
line-level inputs.
6.8 k
6.8 k
1.0
µF
1.0
µF
R
L
6.8 k
6.8 k
Figure 26. Line Inputs
DS213PP4
CS4237B
90


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com