Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 88 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 84Page - Cirrus Logic CS4237B Datasheet HTML 85Page - Cirrus Logic CS4237B Datasheet HTML 86Page - Cirrus Logic CS4237B Datasheet HTML 87Page - Cirrus Logic CS4237B Datasheet HTML 88Page - Cirrus Logic CS4237B Datasheet HTML 89Page - Cirrus Logic CS4237B Datasheet HTML 90Page - Cirrus Logic CS4237B Datasheet HTML 91Page - Cirrus Logic CS4237B Datasheet HTML 92Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
In the first format, where VCF1,0 = 00, the mute
function is a toggle or push-on/push-off style.
When the MUTE pin is low, the master out vol-
ume is muted. Pressing the up or down buttons
have no effect while the mute switch is on.
In the second format, where VCF1,0 = 01, the
mute function is a momentary switch (similar to
up and down). When MUTE goes low the mas-
ter out volume mutes if it was un-muted and
vise-versa (the mute button alternates between
mute and un-mute). If the master volume is
muted and up or down is pressed, the volume
automatically un-mutes.
In the third format, where VCF1,0 = 10, the
MUTE pin is not used. This is a two-button for-
mat where pressing up and down simultaneously
mutes the master volume. If the master volume
is muted and up or down is individually pressed,
the volume automatically un-mutes.
The three formats listed above as illustrated in
Figure 25.
A fo ur th fo rmat for mute e xists, wh ere
VCF1,0 = 11, which is backwards compatible
with the CS4236. This mode is similar to the
two button mode, except the MUTE pin is used
as the up function and the UP pin is not used.
Crystal / Clock
Two pins have been allocated to allow the inter-
facing of a crystal oscillator: XTALI and
XTALO. The crystal should be designed as fun-
damental mode, parallel resonant, with a load
capacitor of between 10 and 20 pF. The capaci-
tors connected to each of the crystal pins should
be twice the load capacitance specified to the
crystal manufacturer.
An external CMOS clock may be connected to
the crystal input XTALI in lieu of the crystal.
When using an external CMOS clock, the
XTALO pin must be left floating with no trace
or external connection of any kind.
General Purpose Output Pins
Two general purpose outputs are provided to en-
able control of external circuitry (i.e. mute
function). XCTL1 and XCTL0 in the WSS
Codec register I10 are output directly to the ap-
propriate pin when enabled.
Pin XCTL0/XA2 becomes an output for XCTL0
whenever the resource data for the CDROM or
Synthesizer specifies a logical device address
100 pF
VDF
10 k
10 k
10 k
UP
DOWN
MUTE
Up
GND
Mute
Down
100
100 pF
100 pF
100
100
Figure 24. Volume Control Circuit
Up
GND
Mute
Down
VCF1,0 = 00
Up
GND
Mute
Down
VCF1,0 = 01
Up
GND
Mute
Down
VCF1,0 = 10
Figure 25. Volume Control Formats
DS213PP4
CS4237B
88


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com