Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 83Page - Cirrus Logic CS4237B Datasheet HTML 84Page - Cirrus Logic CS4237B Datasheet HTML 85Page - Cirrus Logic CS4237B Datasheet HTML 86Page - Cirrus Logic CS4237B Datasheet HTML 87Page - Cirrus Logic CS4237B Datasheet HTML 88Page - Cirrus Logic CS4237B Datasheet HTML 89Page - Cirrus Logic CS4237B Datasheet HTML 90Page - Cirrus Logic CS4237B Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
The Interrupt Enable (IEN) bit in the Pin Control
register (I10) determines whether the interrupt
assigned to the WSS Codec responds to the in-
terrupt event. When the IEN bit is low, the
interrupt is masked and the IRQ pin assigned to
the WSS Codec is held low. However, the INT
bit in the Status register (R2) always responds to
the counter.
Error Conditions
Data overrun or underrun could occur if data is
not supplied to or read from the WSS Codec in
an appropriate amount of time. The amount of
time for such data transfers depends on the fre-
quency selected within the WSS Codec.
Should an overrun condition occur during data
capture, the last whole sample (before the over-
run condition) will be read by the DMA
interface. A sample will not be overwritten while
the DMA interface is in the process of transfer-
ring the sample.
Should an underrun condition occur in a play-
back case the last valid sample will be output
(assuming DACZ = 0) to the digital mixer. This
will mask short duration error conditions. When
the next complete sample arrives from the host
computer the data stream will resume on the
next sample clock.
The overrun and underrun error bits in the Alter-
nate Feature Status register, I24, are cleared by
first clearing the condition that caused the over-
run or underrun error, followed by writing the
particular bit to a zero. As an example, to clear
the playback underrun bit PU, first a sample
must be sent to the WSS Codec, and then the PU
bit must be written to a zero.
DIGITAL HARDWARE DESCRIPTION
The best example of hardware connection for the
different sections of this part such as joystick
connector, ISA bus, and peripheral port connec-
tions is the Reference Design Data Sheet. The
Reference Design Data Sheet contains all the
schematics, layout plots and a Bill of Materials;
thereby providing a complete example.
Bus Interface
The ISA bus interface is capable of driving a
24mA data bus load and therefore does not re-
quire any external data bus buffering. See the
Reference Design Data Sheet for a typical con-
nection diagram.
Volume Control Interface
Three hardware master volume control pins are
supported: volume up, volume down, and mute.
Hardware volume control is enabled by setting
the VCEN bit in the Hardware Configuration
data, byte 7 (Misc. Config. Byte). Once VCEN
is set, the SCS/UP pin converts to the volume up
function and the XTAL1/SINT/ACDCS/DOWN
pin converts to the volume down function. The
volume control pins affect the master volume
control output after the analog output mixer. The
UP and DOWN pins, when low, increment and
decrement the master volume. These two pins
would use SPST momentary switches. The
MUTE pin supports three options: push-on/push-
off, mome ntary (similar to th e up/d own
functions), and non-existent where pressing up
and down simultaneously mutes the output vol-
ume. As shown in Figure 24, the three pins
require external pullups and are active low. The
circuit also contains an optional RC for EMI and
ESD protection.
The volume control range is +12 to -36 dB in
2 dB steps. Pressing the up button, increments
the volume. Pressing the down button, decre-
ments the volume. Holding either of these
buttons in the low state causes the volume to to
continue changing.
The mute function is supported using three for-
mats. These formats are selected using the VCF1
and VCF0 bits in the Hardware Configuration
data, Global Config. byte.
DS213PP4
CS4237B
87


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com