Electronic Components Datasheet Search |
|
CS4237B Datasheet(PDF) 84 Page - Cirrus Logic |
|
|
CS4237B Datasheet(HTML) 84 Page - Cirrus Logic |
84 / 114 page 8-BIT COMPANDED The 8-bit companded formats (A-Law and µ- Law) come from the telephone industry. µ-Law is the standard for the United States/Japan while A-Law is used in Europe. Companded audio al- lows either 64 dB or 72 dB of dynamic range using only 8-bits per sample. This is accom- plished using a non-linear companding transfer function which assigns more digital codes to lower amplitude analog signals with the sacrifice of precision on higher amplitude signals. The µ- Law and A-Law formats of the WSS Codec conform to the CCITT G.711 specifications. Fig- ure 23 illustrates the transfer function for both A- and µ-Law. Please refer to the standards men- tioned above for an exact definition. ADPCM COMPRESSION/DECOMPRESSION In MODE 2 and 3, the WSS Codec also con- tains A dapti ve Di fferenti al Pulse Code Modulation (ADPCM) for improved perform- ance and compression ratios over µ-Law or A-Law. The ADPCM format is compliant with the IMA standard and provides a 4-to-1 com- pression ratio (i.e. 4 bits are saved for each 16-bit sample captured). For more information on the specifics of the format, contact the IMA at (410) 626-1380. Figures 18 and 19 illustrate the ADPCM data flow. The ADPCM format is unique with respect to the FIFO depth and the DMA Base register value. The ADPCM format fills the FIFOs com- pletely (64 bytes); therefore, the FIFOs hold 64 stereo samples and 128 mono samples. When samples are being transferred using DMA, the DMA request stays active for four bytes, similar to the 16-bit stereo data mode. In PIO mode, the Status register (R2) indicates which of the four bytes is being transferred. When CEN is 0 (capture disabled), the ADPCM block’s accumulator and step size are cleared. When CEN is enabled, the ADPCM block will start converting. Care should be taken to insure that the "overrun" condition never occurs, other- wise the data may not be constructed properly upon playback. If pausing the capture sequence is desired, the ADPCM Capture Freeze bit (ACF, I23) should be set. When this bit is set, the ADPCM algorithm will continue to operate until a complete word (4 bytes) is written to the FIFO. Then the ADPCM’s block accumulator and step size will be frozen. The software must continue Figure 22. Linear Transfer Functions 0 +FS -FS DIGITAL CODE A-Law: 2Ah 15h 95h AAh 7Fh/FFh 55h/D5h 00h 3Fh BFh 80h u-Law: Figure 23. Companded Transfer Functions DS213PP4 CS4237B 84 |
Similar Part No. - CS4237B |
|
Similar Description - CS4237B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |