Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 77Page - Cirrus Logic CS4237B Datasheet HTML 78Page - Cirrus Logic CS4237B Datasheet HTML 79Page - Cirrus Logic CS4237B Datasheet HTML 80Page - Cirrus Logic CS4237B Datasheet HTML 81Page - Cirrus Logic CS4237B Datasheet HTML 82Page - Cirrus Logic CS4237B Datasheet HTML 83Page - Cirrus Logic CS4237B Datasheet HTML 84Page - Cirrus Logic CS4237B Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
with the rest of the bits in I22, are used to set the
sample frequency. Once enabled, these bits can
be changed without doing an MCE cycle.
The third method supports independent sample
frequencies (Fs) for capture and playback. The
independent sample frequency mode is enabled
by setting IFSE in X11. Once enabled, the other
two methods for setting Fs (I8, I10, and I22) are
disabled. The capture (ADC) Fs is set in X12
and the playback (DAC) Fs is set in X13.
Changing Audio Data Formats
In MODE 1, MCE must be used to select the
audio data format in I8.
Since MCE causes a
calibration cycle, it is not ideal for full-duplex
operation. In MODE 2 and 3, individual Mode
Change Enable bits for capture and playback are
provided in register I16. MCE (R0) must still be
used to select the sample frequency, but PMCE
(playback) and CMCE (capture) allow changing
the respective data formats without causing a
calibration to occur. Setting PMCE (I16) clears
the playback FIFO and allows the upper four
bits of I8 to be changed. Setting CMCE (I16)
clears the capture FIFO and allows the upper
four bits of I28 to be changed.
Audio Data Formats
In MODE 1 operation, all data formats of the
WSS Codec are in "little endian" format. This
format defines the byte ordering of a multibyte
word as having the least significant byte occupy-
ing the lowest memory address. Likewise, the
most significant byte of a little endian word oc-
cupies the highest memory address.
The sample frequency is always selected in the
Fs & Playback Data Format register (I8). In
MODE 1 the same register, I8, determines the
audio data format for both playback and capture;
however, in MODE 2 and 3, I8 only selects the
playback data format and the capture data format
is independently selectable in the Capture Data
Format register (I28).
The WSS Codec always orders the left channel
data before the right channel. Note that these
definitions apply regardless of the specific for-
mat of the data. For example, 8-bit linear data
streams look exactly like 8-bit companded data
streams. Also, the left sample always comes first
in the data stream regardless of whether the sam-
ple is 16-bit or 8-bit in size.
There are four data formats supported by the
WSS Codec during MODE 1 operation: 16-bit
signed (little endian), 8-bit unsigned, 8-bit com-
panded
µ-Law, and 8-bit companded A-Law.
See Figures 14-17.
Additional data formats are supported in MODE
2 and 3: 4-bit ADPCM, and 16-bit signed Big
Endian. See Figures 18 through 21. With the ad-
dition of the Big Endian and ADPCM audio data
formats, the WSS Codec is compliant with the
IMA recommendations for digital audio data for-
mats (and sample frequencies).
16-BIT SIGNED
The 16-bit signed format (also called 16-bit 2’s
complement) is the standard method of repre-
senting 16-bit digital audio. This format gives
96 dB theoretical dynamic range and is the
standard for compact disk audio players. This
format uses the value -32768 (8000h) to repre-
sent maximum negative analog amplitude, 0 for
center scale, and 32767 (7FFFh) to represent
maximum positive analog amplitude.
8-BIT UNSIGNED
The 8-bit unsigned format is commonly used in
the personal computer industry. This format de-
livers a theoretical dynamic range of 48 dB. This
format uses the value 0 (00h) to represent maxi-
mum negative analog amplitude, 128 for center
scale, and 255 (FFh) to represent maximum
positive analog amplitude. The 16-bit signed and
8-bit unsigned transfer functions are shown in
Figure 22.
DS213PP4
CS4237B
81


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com