Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 76Page - Cirrus Logic CS4237B Datasheet HTML 77Page - Cirrus Logic CS4237B Datasheet HTML 78Page - Cirrus Logic CS4237B Datasheet HTML 79Page - Cirrus Logic CS4237B Datasheet HTML 80Page - Cirrus Logic CS4237B Datasheet HTML 81Page - Cirrus Logic CS4237B Datasheet HTML 82Page - Cirrus Logic CS4237B Datasheet HTML 83Page - Cirrus Logic CS4237B Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
CONVERTER CALIBRATION (CAL1,0 = 01)
This calibration mode calibrates the ADCs and
the DACs, but does not calibrate any of the ana-
log mixing channels. This is the second longest
calibration mode, taking 321 sample periods at
44.1 kHz. Because the analog mixer is not cali-
brated in this mode, any signals fed through the
mixer will be unaffected. The calibration se-
quence is as follows:
The DACs are muted
The ADCs are calibrated
The DACs are calibrated
The DACs are unmuted
DAC CALIBRATION (CAL1,0 = 10)
This calibration mode only clears the DACs
(playback) interpolation filters leaving the ADC
unaffected. This is the second fastest calibration
mode (no cal. is the fastest) taking 120 sample
periods at 44.1 kHz to complete. The calibration
sequence is as follows:
The DACs are muted
The DAC filters are cleared
The DACs are unmuted
FULL CALIBRATION (CAL1, 0 = 11)
This calibration mode calibrates all offsets,
ADCs, DACs, and analog mixers. Full calibra-
tion will automatically be initiated on power up
or anytime the WSS Codec exits from a full
power down state. This is the longest calibration
mode and takes 450 sample periods at 44.1 kHz
to complete. The calibration sequence is as fol-
lows:
All outputs are muted (DACs and mixer)
The mixer is calibrated
The ADCs are calibrated
The DACs are calibrated
All outputs are unmuted
Changing Sampling Rate
The internal states of the WSS Codec are syn-
chronized by the selected sampling frequency.
The sample frequency can be set in one of three
fashions. The standard WSS Codec method uses
the Fs & Playback Data Format register (I8) to
set the sample frequency. The changing of either
the clock source or the clock frequency divide
requires a special sequence for proper WSS
Codec operation:
1) Place the WSS Codec in Mode Change En-
able using the MCE bit of the Index Address
register (R0).
2) During a single write cycle, change the Clock
Frequency Divide Select (CFS) and/or
Clock 2 Base Select (C2SL) bits of the Fs &
Playback Data Format register (I8) to the de-
sired value. (The data format may also be
changed.)
3) The WSS Codec resynchronizes its internal
states to the new frequency. During this time
the WSS Codec will be unable to respond.
Writes to the WSS Codec will not be recog-
nized and reads will always return the value
80 hex.
4) The host now polls the WSS Codec’s Index
Address register (R0) until the value 80 hex
is no longer returned. On slow processor sys-
tems, 80h may occur to fast; therefore, it
may never be seen by software.
5) Once the WSS Codec is no longer responding
to reads with a value of 80 hex, normal op-
eration can resume and the WSS Codec can
be removed from MCE.
A second method of changing the sample fre-
quency is to disable the sample frequency bits in
I8 (lower four bits) by setting SRE in I22. When
this bit is set, OSM1 and OSM0 in I10, along
DS213PP4
CS4237B
80


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com