Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 4Page - Cirrus Logic CS4237B Datasheet HTML 5Page - Cirrus Logic CS4237B Datasheet HTML 6Page - Cirrus Logic CS4237B Datasheet HTML 7Page - Cirrus Logic CS4237B Datasheet HTML 8Page - Cirrus Logic CS4237B Datasheet HTML 9Page - Cirrus Logic CS4237B Datasheet HTML 10Page - Cirrus Logic CS4237B Datasheet HTML 11Page - Cirrus Logic CS4237B Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
TIMING PARAMETERS (Continued)
Parameter
Symbol
Min
Max
Units
Parallel Bus Timing
IOW or IOR strobe width
tSTW
90
-
ns
Data valid to IOW rising edge
(write cycle)
tWDSU
22
-
ns
IOR falling edge to data valid (read cycle)
tRDDV
-60
ns
SA <> and AEN setup to IOR or IOW falling edge
tADSU
22
-
ns
SA <> and AEN hold from IOW or IOR rising edge
tADHD
10
-
ns
DACK<> inactive to IOW or IOR falling edge (DMA cycle
immediately followed by a non-DMA cycle)
(Note 8)
tSUDK1
60
-
ns
DACK<> active from IOW or IOR rising edge (non-DMA
cycle completion followed by DMA cycle)
(Note 8)
tSUDK2
0-
ns
DACK<> setup to IOR falling edge (DMA cycles)
DACK<> setup to IOW falling edge
(Note 8)
tDKSUa
tDKSUb
25
25
-
-
ns
ns
Data hold from IOW rising edge
tDHD2
15
-
ns
DRQ<> hold from IOW or IOR falling edge
DTM(I10) = 0
(assumes no more DMA cycles needed)
DTM(I10) = 1
tDRHD
-
-25
45
-
ns
Time between rising edge of IOW or IOR to next falling
edge of IOW or IOR
tBWDN
80
-
ns
Data hold from IOR rising edge
tDHD1
025
ns
DACK<> hold from IOW rising edge
DACK<> hold from IOR rising edge
tDKHDa
tDKHDb
25
25
-
-
ns
ns
RESDRV pulse width high
(Note 1)
tRESDRV
1-
ms
Initialization Time
(Note 1, 9)
tINIT
130
1200
ms
EEPROM Read Time
(Note 1, 10) tEEPROM
1420
ms
XTAL, 16.9344 MHz, frequency
(Notes 1, 11)
16.92
16.95
MHz
XTALI high time
(Notes 1, 11)
24
-
ns
XTALI low time
(Notes 1, 11)
24
-
ns
Sample Frequency
(Note 1)
Fs
3.918
50
kHz
Serial Port Timing
SCLK rising to SDOUT valid
(Note 1)
tPD1
-60
ns
SCLK rising to FSYNC transition
(Note 1)
tPD2
-20
20
ns
SDIN valid to SCLK falling
(Note 1)
tS1
30
-
ns
SDIN hold after SCLK falling
(Note 1)
tH1
30
-
ns
Notes:
8. AEN must be high during DMA cycles.
9. Initialization time depends on the power supply circuitry, as well as the the type of clock used.
10. EEPROM read time is dependent on amount of data in EEPROM. Minimum time relates to no
EEPROM present. Maximum time relates to EEPROM data size of 2k bytes.
11. The Sample frequency specification must not be exceeded.
DS213PP4
CS4237B
8


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com