Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 74Page - Cirrus Logic CS4237B Datasheet HTML 75Page - Cirrus Logic CS4237B Datasheet HTML 76Page - Cirrus Logic CS4237B Datasheet HTML 77Page - Cirrus Logic CS4237B Datasheet HTML 78Page - Cirrus Logic CS4237B Datasheet HTML 79Page - Cirrus Logic CS4237B Datasheet HTML 80Page - Cirrus Logic CS4237B Datasheet HTML 81Page - Cirrus Logic CS4237B Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
The third serial format - SPF2, shown in Fig-
ure 11, is called 32-bit mode. This format has 32
SCLKs per frame and FSYNC is high for the
left channel and low for the right channel. The
absolute time is similar to the other two modes
but SCLK is stopped after the right channel is
finished. SCLK is held stopped until the start of
the next frame (stopped for 32 bit period times).
This mode is useful for DSPs that do not want
the interrupt overhead of the 32 unused bit peri-
ods. As an example, if a DSP serial word length
is 16 bits, then four interrupts will occur in SPF0
and SPF1 modes. In mode SPF2 the DSP will
only be interrupted twice.
The fourth serial format - SPF3, shown in Fig-
ure 12, is called ADC/DAC mode. This format
has 64 SCLKs per frame, with FSYNC high
transitions at the start of the left ADC data word
and low transitions at the start of the right ADC
data word. For serial data in, SDIN, both the left
and right 16-bit DAC data word should be fol-
lowed by zeros. For serial data out, SDOUT,
both the left and right ADC data words are fol-
lowed by 16 bits of the DAC data words. The
DAC data words are tapped off the data stream
right before the data enters the Codec DACs (af-
ter all digital summing is done). Having the
ADC and DAC data on the SDOUT allows ex-
ternal modem DSPs to cancel the local audio
source from the local microphone signal.
CS9236 WAVETABLE SERIAL PORT
A digital interface to the Crystal CS9236 Single-
Chip Wavetable Music Synthesizer is provided
that allows the CS9236 PCM audio data to be
summed digitally into the output digital mixer.
The Wavetable Serial port pins are multiplexed
with the XD7-XD5 external bus pins; therefore,
when this serial interface is enabled, any external
peripheral (CDROM, modem, etc.) will need an
external buffer to the ISA bus. This serial port is
enabled via the WTEN bit located in Control
register C8 or in the Global Configuration byte
in the Hardware Configuration data. The hard-
ware connections to the CS9236 are illustrated in
Figure 13.
Volume control for the serial port is supported
through X16 and X17 in the WSS extended reg-
ister space. The volume range is +12 dB to
-82.5 dB with 001000 equal to 0 dB. After vol-
ume is applied to the PCM data, it is summed
into the digital mixer which is then summed into
the analog output mixer.
FSYNC
Left Data
SCLK
SDOUT
15
Right Data
ADC 16 Clocks
DAC 16 Clocks
ADC 16 Clocks
DAC 16 Clocks
SDIN
...
...
15 14 13
...
0
15 14 13
...
0
15 14 13
...
0
15 14 13
...
0
15 14 13
...
0
15 14 13
...
0
DAC 16 Clocks
DAC 16 Clocks
15
Figure 12. ADC/DAC Mode (SF1,0 = 11)
DS213PP4
CS4237B
78


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com