Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 72Page - Cirrus Logic CS4237B Datasheet HTML 73Page - Cirrus Logic CS4237B Datasheet HTML 74Page - Cirrus Logic CS4237B Datasheet HTML 75Page - Cirrus Logic CS4237B Datasheet HTML 76Page - Cirrus Logic CS4237B Datasheet HTML 77Page - Cirrus Logic CS4237B Datasheet HTML 78Page - Cirrus Logic CS4237B Datasheet HTML 79Page - Cirrus Logic CS4237B Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
Modem Interface
The modem interface, Logical Device 5 (LD5)
consist of:
MCS - Modem Chip Select
MINT - Modem Interrupt
The other signals such as address bits, data
strobes, data, and reset are provided by the Ex-
ternal Peripheral Port. The interface allows the
host computer to access up to eight I/O mapped
locations.
The Modem signals are multiplexed with both
the upper ISA address pins, and the CDROM
DMA pins. To enable the Modem, first a pull-
down resistor must be placed on XIOR which
disables the upper ISA address pins. Second, the
Modem base address, COMbase, must be pro-
grammed to a non-zero value which will convert
the SA13/CDACK/MCS pin to the modem chip
select MCS, and the SA15/CDRQ/MINT pin to
the modem interrupt pin MINT. Once these two
pins switch to modem pins, they can only be
changed by resetting the part. COMbase, Logical
Device 5 base address 0, is programmed via PnP
or the SLAM method.
The polarity of MINT is programmable via
Hardware Configuration data, IHM in byte 7, or
through CTRLbase+1. The default is active low
(IHM = 0).
DSP SERIAL AUDIO DATA PORT
The WSS Codec includes a DSP serial audio in-
terface for transferring digital audio data
between the part and an external serial device
such as a DSP processor. The DSP serial port
pins are multiplexed with either the #2 joystick
inputs of the Game Port interface or a portion of
the XD peripheral bus. The selection is made via
the SPS bit located in Control register C8, or the
Global Config. byte in the Hardware Configura-
tion data. If SPS is 0, the joystick B pins convert
to the DSP serial port when SPE is set (MCE
must be 1 to change SPE). If SPS is 1, XD<4:1>
convert to the DSP serial port when SPE is set.
In this case, SD<7:0> is disabled on reads of pe-
ripheral port addresses (CDROM, modem, etc.)
since XD<7:0> is no longer available.
The DSP audio serial port is software enabled
via the SPE bit in the WSS Codec indirect regis-
ter I16. The ISA interface is fully active in this
mode. While the serial port is enabled, audio
data may still be read from the ADCs over the
ISA bus, and the DACs will sum data from the
SDIN pin, the parallel ISA bus data, and the in-
ternal FM synthesizer engine. The serial port
sample frequency is always 44.1 kHz regardless
of the ISA bus sample frequency, and the data
format is always two’s complement 16-bit linear.
FSYNC and SCLK are always output from the
part when the serial port is enabled. The serial
port can be configured in one of four serial port
formats, shown in Figures 9-12. SF1 and SF0 in
I16 select the particular format. MCE in R0 must
be set to change SF1/0. Both left and right audio
words are always 16 bit two’s complement.
When the mono audio format is selected, the
right channel output is set to zero and the left
channel input is summed to both DAC channels.
The first format - SPF0, shown in Figure 9, is
called 64-bit enhanced. This format has 64
SCLKs per frame with a one bit period wide
FSYNC that precedes the frame. The first 16 bits
occupy the left word and the second 16 bits oc-
cupy the right word. The last 32 bits contain four
status bits and 28 zeros. This is the only mode
that contains status information.
The second serial format - SPF1, shown in Fig-
ure 10, is called 64-bit mode. This format has 64
SCLKs per frame, with FSYNC high transitions
at the start of the left data word and low transi-
tions at the start of the right data word. Both the
left and right data words are followed by 16 ze-
ros.
DS213PP4
CS4237B
76


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com